Electronic Components Datasheet Search
  English  ▼

X  

TLV365DBVR Datasheet (PDF) - Texas Instruments

TLV365DBVR Datasheet PDF - Texas Instruments
Part # TLV365DBVR
Download  TLV365DBVR Download
File Size   1732.68 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier

TLV365DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV365DBVR Datasheet PDF - Texas Instruments

Part # TLV365DBVR
Download  TLV365DBVR Click to download

File Size   1732.68 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier

TLV365DBVR Datasheet (HTML) - Texas Instruments


TLV365DBVR Product details

1 Features
• Gain bandwidth: 50 MHz
• Zerø-crossover distortion topology:
– CMRR: 115 dB (typical)
– Rail-to-rail input and output
• Input 100 mV beyond supply rail
• Noise: 4.5 nV/√Hz
• Slew rate: 27 V/μs
• Fast settling: 0.2 μs to 0.01%
• Precision:
– Offset Drift: 2 μV/°C (max)
– Input bias current: 20 pA (max)
• 2.2-V to 5.5-V operation

2 Applications
• Signal conditioning
• Data acquisition
• Active filters
• Test equipment
• Audio
• Wideband amplifiers
• Rack server

3 Description
The TLVx365 family is a zerø-crossover, rail-torail
input and output, CMOS operational amplifier,
optimized for low voltage and cost-sensitive
applications. Low-noise (4.5 nV/√Hz) and high-speed
operation (50-MHz Gain Bandwidth) make these
devices ideal for driving sampling analog-to-digital
converters (ADCs) in applications like low-side current
sensing, audio, signal conditioning, and sensor
amplification.
Special features include an excellent common-mode
rejection ratio (CMRR), no input stage crossover
distortion, high input impedance, and rail-to-rail input
and output swing. The input common-mode range
includes both the negative and positive supplies. The
output voltage swings to within 10 mV of the rails.
TLVx365 is specified for operation from −40°C to
+125°C.




Similar Part No. - TLV365DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV365DBVR TI1-TLV365DBVR Datasheet
2Mb / 34P
TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
REVISED JUNE 2023
TLV365DBVR TI-TLV365DBVR Datasheet
2Mb / 31P
TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
REVISED SEPTEMBER 2023
TLV365DBVR TI-TLV365DBVR Datasheet
2Mb / 35P
TLVx365 50MHz, Zero-Crossover, High-CMRR, RRIO Operational Amplifiers
AUGUST 2024
More results


Similar Description - TLV365DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
LMH6619Q TI1-LMH6619Q Datasheet
1Mb / 30P
130 MHz, 1.25 mA RRIO Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
TLV365 TI1-TLV365_V01 Datasheet
2Mb / 34P
TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
REVISED JUNE 2023
TLV365 TI-TLV365_V02 Datasheet
2Mb / 31P
TLVx365 50-MHz, Zerø-Crossover, High-CMRR, RRIO Operational Amplifiers
REVISED SEPTEMBER 2023
OPA4323 TI1-OPA4323_V01 Datasheet
2Mb / 49P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com