Electronic Components Datasheet Search
  English  ▼

X  

OLI249 Datasheet (PDF) - Skyworks Solutions Inc.

OLI249 Datasheet PDF - Skyworks Solutions Inc.
Part # OLI249
Download  OLI249 Download
File Size   333.25 Kbytes
Page   6 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Radiation-Tolerant, Phototransistor Optocoupler for Hybrid Assembly

OLI249 Datasheet (PDF)

Go To PDF Page Download Datasheet
OLI249 Datasheet PDF - Skyworks Solutions Inc.

Part # OLI249
Download  OLI249 Click to download

File Size   333.25 Kbytes
Page   6 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Radiation-Tolerant, Phototransistor Optocoupler for Hybrid Assembly

OLI249 Datasheet (HTML) - Skyworks Solutions Inc.


OLI249 Product details

Features
 Current transfer ratio (CTR) is:
– Guaranteed over -55 °C to +100 °C ambient temperature
range
– High at low input current: 200% at IF = 2 mA over
temperature
– Comparable to Darlington output, but with low saturation
VCE = 0.15 V typical
 1500 VDC electrical isolation
 Small footprint for hybrid device
 More radiation tolerant than 4N49 (contact Isolink for more
information)
 Similar to 4N4X type optocouplers
 High reliability and rugged construction
 Custom package is available (contact Isolink for more
information)




Similar Part No. - OLI249

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OLI249 ETC1-OLI249 Datasheet
24Kb / 3P
Radiation Tolerant Phototransistor Optocoupler For Hybrid Assembly
More results


Similar Description - OLI249

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
OLI249 ETC1-OLI249 Datasheet
24Kb / 3P
Radiation Tolerant Phototransistor Optocoupler For Hybrid Assembly
logo
Skyworks Solutions Inc.
OLS449 SKYWORKS-OLS449 Datasheet
325Kb / 6P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
OLC049 SKYWORKS-OLC049 Datasheet
307Kb / 6P
Radiation-Tolerant, Phototransistor Surface-Mount Optocoupler
April 20, 2022
OLF249 SKYWORKS-OLF249 Datasheet
287Kb / 6P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
April 14, 2017
OLF449 SKYWORKS-OLF449 Datasheet
354Kb / 6P
Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
OLI100 SKYWORKS-OLI100 Datasheet
351Kb / 6P
Miniature Phototransistor Optocoupler for Hybrid Assembly
February 28, 2020
OLS049 SKYWORKS-OLS049 Datasheet
258Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Surface-Mount Optocoupler
June 1, 2017
OLS249 SKYWORKS-OLS249 Datasheet
394Kb / 6P
Radiation-Tolerant Phototransistor Hermetic Surface-Mount Optocoupler
April 13, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com