Electronic Components Datasheet Search
  English  ▼

X  

OLI100 Datasheet (PDF) - Skyworks Solutions Inc.

OLI100 Datasheet PDF - Skyworks Solutions Inc.
Part # OLI100
Download  OLI100 Download
File Size   351.59 Kbytes
Page   6 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Miniature Phototransistor Optocoupler for Hybrid Assembly

OLI100 Datasheet (PDF)

Go To PDF Page Download Datasheet
OLI100 Datasheet PDF - Skyworks Solutions Inc.

Part # OLI100
Download  OLI100 Click to download

File Size   351.59 Kbytes
Page   6 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Miniature Phototransistor Optocoupler for Hybrid Assembly

OLI100 Datasheet (HTML) - Skyworks Solutions Inc.


OLI100 Product details

Features
 Current transfer ratio guaranteed over -55 °C to +125 °C
ambient temperature range
 Electrical isolation: 1500 VDC
 High current transfer ratio: 100% minimum over temperature
 High current transfer ratio at low input current: 100% at
IF = 1 mA over temperature
 High reliability and rugged construction
 CTR-comparable to Darlington output but with low saturation
VCE = 0.15 V typical
 Similar to 4N2X, 4N3X type optocouplers
 Custom package available




Similar Part No. - OLI100

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLI110 SKYWORKS-OLI110 Datasheet
905Kb / 5P
Phototransistor Optocoupler
January 18, 2023
OLI149 SKYWORKS-OLI149 Datasheet
345Kb / 6P
Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017
More results


Similar Description - OLI100

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
OLI249 ETC1-OLI249 Datasheet
24Kb / 3P
Radiation Tolerant Phototransistor Optocoupler For Hybrid Assembly
logo
Skyworks Solutions Inc.
OLI249 SKYWORKS-OLI249 Datasheet
333Kb / 6P
Radiation-Tolerant, Phototransistor Optocoupler for Hybrid Assembly
February 28, 2020
OLI300 SKYWORKS-OLI300 Datasheet
486Kb / 5P
Miniature High-Speed Optocoupler for Hybrid Assembly
August 4, 2021
OLI303 SKYWORKS-OLI303 Datasheet
278Kb / 6P
Miniature Wide Bandwidth Optocoupler for Hybrid Assembly
September 12, 2017
OLI400 SKYWORKS-OLI400 Datasheet
691Kb / 6P
Miniature Low Input Current Optocoupler for Hybrid Assembly
August 4, 2021
OLI500 SKYWORKS-OLI500 Datasheet
521Kb / 6P
Miniature High CMR, High-Speed Logic Gate Optocoupler for Hybrid Assembly
August 4, 2021
OLI600 SKYWORKS-OLI600 Datasheet
530Kb / 6P
Miniature High-Speed Schmitt Trigger Optocoupler for Hybrid Assembly
August 5, 2021
OLI910 SKYWORKS-OLI910 Datasheet
344Kb / 5P
Miniature Photovoltaic Optocoupler for Hybrid Assembly
April 17, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com