Electronic Components Datasheet Search
  English  ▼

X  

UPA1751 Datasheet (PDF) - Renesas Technology Corp

UPA1751 Datasheet PDF - Renesas Technology Corp
Part # UPA1751
Download  UPA1751 Download
File Size   227.26 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT POWER TRANSISTORS

UPA1751 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1751 Datasheet PDF - Renesas Technology Corp

Part # UPA1751
Download  UPA1751 Click to download

File Size   227.26 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT POWER TRANSISTORS

UPA1751 Datasheet (HTML) - Renesas Technology Corp


UPA1751 Product details

DESCRIPTION
This product is Dual N-Channel MOS Field Effect
Transistor designed for power management
application of notebook computers, and Li-ion battery
application.

FEATURES
• Dual MOSFET chips in small package
• 4 V Gate Drive Type and Low On-Resistance
RDS(on)1 = 37 mW Max. (VGS = 10 V, ID = 2.5 A)
RDS(on)2 = 64 mW Max. (VGS = 4 V, ID = 2.5 A)
• Low Ciss Ciss = 510 pF Typ.
• Built-in G-S Protection Diode
• Small and Surface Mount Package
(Power SOP8)




Similar Part No. - UPA1751

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1750 NEC-UPA1750 Datasheet
1Mb / 8P
Switching dual P-CHANNEL power mos fet industrial use
logo
Renesas Technology Corp
UPA1750 RENESAS-UPA1750 Datasheet
1Mb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1996
UPA1752 RENESAS-UPA1752 Datasheet
228Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1996
UPA1753 RENESAS-UPA1753 Datasheet
224Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1996
UPA1754 RENESAS-UPA1754 Datasheet
170Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1997
More results


Similar Description - UPA1751

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM25N05 ETC-RFM25N05 Datasheet
235Kb / 4P
POWER MOS FIELD EFFECT TRANSISTORS
2SJ133 ETC-2SJ133 Datasheet
89Kb / 2P
MOS Field Effect Power Transistors
2SJ137 ETC-2SJ137 Datasheet
100Kb / 2P
MOS Field Effect Power Transistors
2SJ141 ETC-2SJ141 Datasheet
99Kb / 2P
MOS Field Effect Power Transistors
2SK1498 ETC-2SK1498 Datasheet
93Kb / 2P
MOS Field Effect Power Transistors
logo
Guangdong Kexin Industr...
2SJ325 KEXIN-2SJ325 Datasheet
53Kb / 2P
MOS Field Effect Power Transistors
logo
New Jersey Semi-Conduct...
2N6898 NJSEMI-2N6898 Datasheet
284Kb / 2P
POWER MOS FIELD-EFFECT TRANSISTORS
RFK35N10 NJSEMI-RFK35N10 Datasheet
82Kb / 2P
Power MOS Field-Effect Transistors
logo
Renesas Technology Corp
2SK2136 RENESAS-2SK2136 Datasheet
564Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1993
UPA1702 RENESAS-UPA1702 Datasheet
226Kb / 10P
MOS FIELD EFFECT POWER TRANSISTORS
1996
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com