Electronic Components Datasheet Search
  English  ▼

X  

D1093S Datasheet (PDF) - G.M. International

D1093S Datasheet PDF - G.M. International
Part # D1093S
Download  D1093S Download
File Size   265.04 Kbytes
Page   4 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 3 Relay Output Module with Line and Load diagnostics DIN-Rail Model D1093S

D1093S Datasheet (PDF)

Go To PDF Page Download Datasheet
D1093S Datasheet PDF - G.M. International

Part # D1093S
Download  D1093S Click to download

File Size   265.04 Kbytes
Page   4 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 3 Relay Output Module with Line and Load diagnostics DIN-Rail Model D1093S

D1093S Datasheet (HTML) - G.M. International


D1093S Product details

General Description:
The single channel DIN Rail Relay Output D1093S is a relay module suitable for the
switching of safety related circuits, up to SIL 3 level according to IEC61508:2010 Ed. 2,
for high risk industries. It provides isolation between the input and output contact.
D1093S provides 1 DPST contact for normally energized loads and
1 SPST contact for normally de-energized loads.
Compatibility with specific DO cards with pulse testing needs to be verified.
This relay module is not suitable for low-current consumption applications (system-tosystem
signalling, driving LEDs, etc.).

Features:
SIL 3 according to IEC 61508:2010 Ed. 2
for Tproof = 14 / 20 years
(≤10% / >10 % of total SIF) with NE Load.
SIL 3 according to IEC 61508:2010 Ed. 2
for Tproof = 9 / 20 years
(≤10% / >10 % of total SIF) with ND Load.
PFDavg (1 year) 7.02 E-06, SFF 99.03 % with NE Load.
PFDavg (1 year) 1.03 E-05, SFF 97.61 % with ND Load.
SIL 3 Systematic capability.
Installation in Zone 2, Division 2.
Line and Load open diagnostic in NE and ND conditions.
1 DPST contact for NE load and
1 SPST contact for ND load.
5 A inrush current at 30 Vdc / 250 Vac.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4,
EN61326-1.
ATEX, IECEx, FM & FM-C, EAC-EX, UKR TR n. 898,
TÜV Certifications.
Type Approval Certificate DNV and KR for
maritime applications.
TUV Certification for SIL.
TUV Functional Safety Certification.
High Reliability, SMD components.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.




Similar Part No. - D1093S

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1093UK SEME-LAB-D1093UK Datasheet
14Kb / 2P
METAL GATE RF SILICON FET
More results


Similar Description - D1093S

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
logo
G.M. International
D1048 GMI-D1048 Datasheet
267Kb / 2P
SIL 3 Digital Output Driver, NE Loads, Loop Powered, DIN-Rail Model D1048S
D1049 GMI-D1049 Datasheet
258Kb / 2P
SIL 3 Digital Output Driver, NE Loads Bus Powered, DIN-Rail Model D1049S
D1053 GMI-D1053 Datasheet
397Kb / 4P
SIL 2 Analog Signal Converter and Trip Amplifiers DIN-Rail Model D1053S
D1054 GMI-D1054 Datasheet
429Kb / 4P
SIL 2 Repeater Power Supply and Trip Amplifiers DIN-Rail Model D1054S
D1064 GMI-D1064 Datasheet
274Kb / 2P
SIL 2 Load Cell/Strain Gauge Bridge Isolating Converter DIN-Rail Model D1064S
D1073 GMI-D1073 Datasheet
452Kb / 4P
SIL 2 Temperature Signal Converter and Trip Amplifiers DIN-Rail Model D1073S
D1092 GMI-D1092 Datasheet
282Kb / 3P
SIL 3 Relay Output Module DIN-Rail Models D1092S, D1092D
D1180 GMI-D1180 Datasheet
269Kb / 2P
Flammable Liquid Presence Detector Interface Relay Output DIN-Rail Model D1180D
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com