Electronic Components Datasheet Search
  English  ▼

X  

D1049 Datasheet (PDF) - G.M. International

D1049 Datasheet PDF - G.M. International
Part # D1049
Download  D1049 Download
File Size   258.09 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 3 Digital Output Driver, NE Loads Bus Powered, DIN-Rail Model D1049S

D1049 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1049 Datasheet PDF - G.M. International

Part # D1049
Download  D1049 Click to download

File Size   258.09 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 3 Digital Output Driver, NE Loads Bus Powered, DIN-Rail Model D1049S

D1049 Datasheet (HTML) - G.M. International


D1049 Product details

Features:
SIL 3 according to IEC 61508:2010 Ed. 2 for Tproof = 12 / 20
yrs (≤10% / >10 % of total SIF).
PFDavg (1 year) 8.32 E-06, SFF 98.90 %.
SIL 3 Systematic capability.
Output to Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
Bus powered for NE loads.
Short and open circuit line diagnostic
monitoring with LED, transistor output.
Output short circuit proof and current limited.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4, EN61326-1.
In-field programmability by DIP Switch.
ATEX, IECEx, FM & FM-C, INMETRO, EAC-EX,
UKR TR n. 898, TÜV Certifications.
TÜV Functional Safety Certification.
Type Approval Certificate DNV and KR for
maritime applications.
High Reliability, SMD components.
Simplified installation using standard DIN-Rail
and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.




Similar Part No. - D1049

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D104 MPD-D104 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
SHENZHEN YONGERJIA INDU...
D104 WINNERJOIN-D104 Datasheet
172Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Seme LAB
D1040UK SEME-LAB-D1040UK Datasheet
166Kb / 5P
METAL GATE RF SILICON FET
logo
G.M. International
D1045 GMI-D1045 Datasheet
368Kb / 4P
Digital Output Loop / Bus Powered DIN-Rail Model D1045Y
D1045Y GMI-D1045Y Datasheet
368Kb / 4P
Digital Output Loop / Bus Powered DIN-Rail Model D1045Y
More results


Similar Description - D1049

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1045 GMI-D1045 Datasheet
368Kb / 4P
Digital Output Loop / Bus Powered DIN-Rail Model D1045Y
D1046 GMI-D1046 Datasheet
292Kb / 2P
Digital Output Loop / Bus Powered DIN-Rail Model D1046Y
D1048 GMI-D1048 Datasheet
267Kb / 2P
SIL 3 Digital Output Driver, NE Loads, Loop Powered, DIN-Rail Model D1048S
D1092 GMI-D1092 Datasheet
282Kb / 3P
SIL 3 Relay Output Module DIN-Rail Models D1092S, D1092D
D1093 GMI-D1093 Datasheet
265Kb / 4P
SIL 3 Relay Output Module with Line and Load diagnostics DIN-Rail Model D1093S
D2030 GMI-D2030 Datasheet
278Kb / 2P
Intrinsically Safe Digital Multiplexer DIN-Rail Model D2030M
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
D2053 GMI-D2053 Datasheet
245Kb / 2P
Transistor Output Repeater DIN-Rail Model D2053M
D5049 GMI-D5049 Datasheet
169Kb / 2P
I.S. SIL3 Bus-Powered Digital Output Driver
D5240 GMI-D5240 Datasheet
159Kb / 2P
I.S. SIL2 Bus-Powered Digital Output Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com