Electronic Components Datasheet Search
  English  ▼

X  

D1092S Datasheet (PDF) - G.M. International

D1092S Datasheet PDF - G.M. International
Part # D1092S
Download  D1092S Download
File Size   282.54 Kbytes
Page   3 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 3 Relay Output Module DIN-Rail Models D1092S, D1092D

D1092S Datasheet (PDF)

Go To PDF Page Download Datasheet
D1092S Datasheet PDF - G.M. International

Part # D1092S
Download  D1092S Click to download

File Size   282.54 Kbytes
Page   3 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL 3 Relay Output Module DIN-Rail Models D1092S, D1092D

D1092S Datasheet (HTML) - G.M. International


D1092S Product details

General Description:
The single and dual channel DIN Rail Relay Output, D1092S and D1092D are relay
modules suitable for the switching of safety related circuits, up to SIL 3 level according
to IEC61508:2010 Ed. 2, for high risk industries.
It provides isolation between input and output contacts.
D1092S provides 1 SPST contact for normally energized loads and 1 SPST contact for
normally de-energized loads.
D1092D provides 2 SPST contact for normally energized loads and 2 SPST contact for
normally de-energized loads.
When the relay is energized, the contacts are closed.
When the relay is de-energized, the contacts are open.
Compatibility with specific DO cards with pulse testing needs to be verified.
This relay module is not suitable for low-current consumption applications (system-tosystem
signalling, driving LEDs, etc.).

Features:
SIL 3 according to IEC 61508:2010 Ed. 2
for Tproof = 14 / 20 years
(≤10% / >10 % of total SIF) with NE Load.
SIL 3 according to IEC 61508:2010 Ed.2
for Tproof = 9 / 20 years
(≤10% / >10 % of total SIF) with ND Load.
PFDavg (1 year) 7.02 E-06, SFF 99.03 % with NE Load.
PFDavg (1 year) 1.03 E-05, SFF 97.61 % with ND Load.
SIL 3 Systematic capability.
Installation in Zone 2, Division 2.
2 fully independent channels.
1 SPST contact for NE load and
1 SPST contact for ND load for each channel.
5 A inrush current at 30 Vdc / 250 Vac.
Input/Output isolation.
EMC Compatibility to EN61000-6-2,
EN61000-6-4, EN61326-1.
ATEX, IECEx, FM & FM-C, EAC-EX, UKR TR n. 898, TÜV
Certifications.
Type Approval Certificate DNV and KR for
maritime applications.
TUV Functional Safety Certification.
High Reliability, SMD components.
High Density, two channels per unit.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.




Similar Part No. - D1092S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D10921-000 MACOM-D10921-000 Datasheet
266Kb / 2P
RPS Commercial grade heat-shrinkable wire identification sleeves
More results


Similar Description - D1092S

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1010 GMI-D1010 Datasheet
366Kb / 4P
SIL 2 Repeater Power Supply Smart-Hart compatible DIN-Rail Models
D1030 GMI-D1030 Datasheet
297Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1030S, D1030D
D1031 GMI-D1031 Datasheet
307Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Transistor Output DIN-Rail Models D1031D, D1031Q
D1032 GMI-D1032 Datasheet
304Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1032D, D1032Q
D1034 GMI-D1034 Datasheet
292Kb / 2P
SIL 3 Switch/Proximity Detector Interface DIN-Rail Models D1034S, D1034D
D1048 GMI-D1048 Datasheet
267Kb / 2P
SIL 3 Digital Output Driver, NE Loads, Loop Powered, DIN-Rail Model D1048S
D1049 GMI-D1049 Datasheet
258Kb / 2P
SIL 3 Digital Output Driver, NE Loads Bus Powered, DIN-Rail Model D1049S
D1072 GMI-D1072 Datasheet
642Kb / 6P
SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D
D1093 GMI-D1093 Datasheet
265Kb / 4P
SIL 3 Relay Output Module with Line and Load diagnostics DIN-Rail Model D1093S
D1130 GMI-D1130 Datasheet
292Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1130S, D1130D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com