Electronic Components Datasheet Search
  English  ▼

X  

HA-A371-FREQ Datasheet (PDF) - Nel Frequency Controls,inc

HA-A371-FREQ Datasheet PDF - Nel Frequency Controls,inc
Part # HA-A371-FREQ
Download  HA-A371-FREQ Download
File Size   298.78 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

HA-A371-FREQ Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-A371-FREQ Datasheet PDF - Nel Frequency Controls,inc

Part # HA-A371-FREQ
Download  HA-A371-FREQ Click to download

File Size   298.78 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS

HA-A371-FREQ Datasheet (HTML) - Nel Frequency Controls,inc


HA-A371-FREQ Product details

Description

The HA-A370 Series of quartz crystal oscillators are resistance welded in an all metal package, offering

RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated

standoffs to enhance board cleaning are standard. Low voltage operation (3.3V).




Features

• Wide frequency range–0.5MHz to 70.0MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 3000g

• 3.3 volt operation

• Low Jitter

• Low power consumption


• TTL compatible (HCT) at specified supply voltage

• High Q Crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• High frequencies due to proprietary design

• All metal, resistance weld, hermetically sealed package

• Gold plated leads - Solder dipped leads available upon request




Similar Part No. - HA-A371-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-A370 NEL-HA-A370 Datasheet
61Kb / 2P
Insulated standoffs to enhance board cleaning are standard
More results


Similar Description - HA-A371-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com