Electronic Components Datasheet Search
  English  ▼

X  

HA-A370 Datasheet (PDF) - Nel Frequency Controls,inc

HA-A370 Datasheet PDF - Nel Frequency Controls,inc
Part # HA-A370
Download  HA-A370 Download
File Size   61.19 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Insulated standoffs to enhance board cleaning are standard

HA-A370 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-A370 Datasheet PDF - Nel Frequency Controls,inc

Part # HA-A370
Download  HA-A370 Click to download

File Size   61.19 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description Insulated standoffs to enhance board cleaning are standard

HA-A370 Datasheet (HTML) - Nel Frequency Controls,inc


HA-A370 Product details

Description

The HA-A370 Series of quartz crystal oscillators are resistance welded in an all metal package, offering

RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated

standoffs to enhance board cleaning are standard. Low voltage operation (3.3V).




Features

• Wide frequency range–0.5MHz to 70.0MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 3000g

• 3.3 volt operation

• Low Jitter

• Low power consumption


• TTL compatible (HCT) at specified supply voltage

• High Q Crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• High frequencies due to proprietary design

• All metal, resistance weld, hermetically sealed package

• Gold plated leads - Solder dipped leads available upon request




Similar Part No. - HA-A370

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-A370-FREQ NEL-HA-A370-FREQ Datasheet
298Kb / 2P
CRYSTAL CLOCK OSCILLATORS
More results


Similar Description - HA-A370

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W2L001WL PARALIGHT-EP501W2L001WL Datasheet
178Kb / 13P
Enhance Power LED
EP503WYL095WHR PARALIGHT-EP503WYL095WHR Datasheet
200Kb / 13P
Enhance Power LED
logo
Nel Frequency Controls,...
HA-370 NEL-HA-370_10 Datasheet
61Kb / 2P
Insulated standoffs to enhance board cleaning are standard
HA-1420 NEL-HA-1420 Datasheet
113Kb / 2P
Insulated standoffs to enhance board cleaning are standard
HA-1520 NEL-HA-1520_10 Datasheet
61Kb / 2P
Insulated standoffs to enhance board cleaning are standard
HS-370 NEL-HS-370_10 Datasheet
58Kb / 2P
Insulated standoffs to enhance board cleaning are standard
HS-A370 NEL-HS-A370_10 Datasheet
58Kb / 2P
Insulated standoffs to enhance board cleaning are standard. Low voltage operation (3.3V)
logo
PHOENIX CONTACT
1044350 PHOENIX-1044350 Datasheet
51Kb / 2P
Cleaning cartridge - BM ID-CLEANING CARTR
09/12/2020
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
Cleaning pen - CLEANING STICK
09/12/2020
logo
Quelighting Corp
QLSP19WXH-314 QUELIGHTING-QLSP19WXH-314 Datasheet
1Mb / 15P
These 0.5W LEDs are equipped with heat sink to enhance operating performance.
1.0 08-25-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com