Electronic Components Datasheet Search
  English  ▼

X  

73K221AL Datasheet (PDF) - TDK Electronics

73K221AL Datasheet PDF - TDK Electronics
Part # 73K221AL
Download  73K221AL Download
File Size   273.95 Kbytes
Page   26 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid

73K221AL Datasheet (PDF)

Go To PDF Page Download Datasheet
73K221AL Datasheet PDF - TDK Electronics

Part # 73K221AL
Download  73K221AL Click to download

File Size   273.95 Kbytes
Page   26 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid

73K221AL Datasheet (HTML) - TDK Electronics


73K221AL Product details

DESCRIPTION
The 73K222BL is a highly integrated single-chip modem IC which provides the functions needed to construct a CCITT V.22, V.21, Bell 212A and Bell 103, compatible modem, capable of 1200 bit/s full duplex operation over dial-up lines. The 73K222BL is an enhancement of the 73K222AL single-chip modem which adds the hybrid hook switch control, and driver to the 73K222AL. In Bell 212A mode, the 73K222BL provides the normal Bell 212A and Bell 103 functions and employs a 2225 Hz answer tone. The 73K222BL in V.22 mode produces either 550 or 1800 Hz guard tone, recognizes and generates a 2100 Hz answer tone, and allows 600 bit/s V.22 or 0-300 bit/s V.21 operation.

FEATURES
• Includes features of 73K222AL single-chip modem
• One-chip CCITT V.22, V.21, Bell 212A and Bell 103 standard compatible modem data pump
• Full-duplex operation at 0-300 bit/s (FSK) or 600 and 1200 bit/s (DPSK)
• On chip 2-wire/4-wire hybrid driver and off hook relay buffer driver
• Serial or parallel microcontroller control interface
• Interfaces directly with standard microcontroller (8048, 80C51 typical)
• Serial port for data transfer
• Both synchronous and asynchronous modes of operation including V.22 extended overspeed
• Call progress, carrier, precise answer tone (2100 or 2225 Hz), and long loop detectors
• DTMF, and 550 or 1800 Hz guard tone generators
• Test modes available: ALB, DL, RDL, Mark, Space, Alternating bit patterns
• Precise automatic gain control allows 45 dB dynamic range
• CMOS technology for low power consumption using 60 mW @ 5 V
• Single +5 V supply




Similar Part No. - 73K221AL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
Single-Chip Modem
logo
TDK Electronics
73K222AL-IGT TDK-73K222AL-IGT Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL-IH TDK-73K222AL-IH Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL-IH/F TERIDIAN-73K222AL-IH/F Datasheet
277Kb / 27P
Single-Chip Modem
More results


Similar Description - 73K221AL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K224L TDK-73K224L Datasheet
206Kb / 32P
V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
CCITT V.23, V.22, V.21 Single-Chip Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
BELL 212A/CCITT V.22 Modem Filter
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
V.23 / Bell 202 Modem
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
V.22 and Bell 212A Modem
logo
Projects Unlimited, Inc...
AWB-20R6-24 PUI-AWB-20R6-24 Datasheet
56Kb / 1P
BELL
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
BELL
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com