Electronic Components Datasheet Search
  English  ▼

X  

AONS38203 Datasheet (PDF) - Alpha & Omega Semiconductors

AONS38203 Datasheet PDF - Alpha & Omega Semiconductors
Part # AONS38203
Download  AONS38203 Download
File Size   420.19 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 25V N-Channel MOSFET

AONS38203 Datasheet (PDF)

Go To PDF Page Download Datasheet
AONS38203 Datasheet PDF - Alpha & Omega Semiconductors

Part # AONS38203
Download  AONS38203 Click to download

File Size   420.19 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 25V N-Channel MOSFET

AONS38203 Datasheet (HTML) - Alpha & Omega Semiconductors


AONS38203 Product details

General Description
• Trench Power MOSFET technology
• Low RDS(ON)
• Low Gate Charge
• High current capability
• RoHS 2.0 and Halogen-Free Compliant

Applications
• Oring-FET




Similar Part No. - AONS38203

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AONS30300 AOSMD-AONS30300 Datasheet
417Kb / 6P
30V N-Channel MOSFET
Rev.1.0: June 2022
AONS32100 AOSMD-AONS32100 Datasheet
330Kb / 6P
25V N-Channel MOSFET
Rev.3.0: May 2019
AONS32302 AOSMD-AONS32302 Datasheet
372Kb / 6P
30V N-Channel MOSFET
Rev.2.1: August 2022
AONS32303 AOSMD-AONS32303 Datasheet
448Kb / 6P
30V N-Channel MOSFET
Rev.1.0: September 2021
AONS32304 AOSMD-AONS32304 Datasheet
429Kb / 6P
30V N-Channel MOSFET
Rev.1.1: July 2018
More results


Similar Description - AONS38203

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM55N03 TSC-TSM55N03_07 Datasheet
363Kb / 6P
25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_09 Datasheet
244Kb / 6P
25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
25V N-Channel MOSFET
TSM25N03 TSC-TSM25N03_08 Datasheet
132Kb / 6P
25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3612E GOOD-ARK-SSF3612E_15 Datasheet
459Kb / 4P
25V N-Channel MOSFET
SSFM2508 GOOD-ARK-SSFM2508 Datasheet
577Kb / 7P
25V N-Channel MOSFET
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
25V N-Channel MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
25V N -Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com