Electronic Components Datasheet Search
  English  ▼

X  

AONS30300 Datasheet (PDF) - Alpha & Omega Semiconductors

AONS30300 Datasheet PDF - Alpha & Omega Semiconductors
Part # AONS30300
Download  AONS30300 Download
File Size   417.03 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AONS30300 Datasheet (PDF)

Go To PDF Page Download Datasheet
AONS30300 Datasheet PDF - Alpha & Omega Semiconductors

Part # AONS30300
Download  AONS30300 Click to download

File Size   417.03 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AONS30300 Datasheet (HTML) - Alpha & Omega Semiconductors


AONS30300 Product details

General Description
• Trench Power MOSFET technology
• Low RDS(ON)
• High Current Capability
• RoHS 2.0 and Halogen-Free Compliant

Applications
• High performance ORing, Efuse
• Ultra high current battery charge/discharge




Similar Part No. - AONS30300

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AONS32100 AOSMD-AONS32100 Datasheet
330Kb / 6P
25V N-Channel MOSFET
Rev.3.0: May 2019
AONS32302 AOSMD-AONS32302 Datasheet
372Kb / 6P
30V N-Channel MOSFET
Rev.2.1: August 2022
AONS32303 AOSMD-AONS32303 Datasheet
448Kb / 6P
30V N-Channel MOSFET
Rev.1.0: September 2021
AONS32304 AOSMD-AONS32304 Datasheet
429Kb / 6P
30V N-Channel MOSFET
Rev.1.1: July 2018
logo
Inchange Semiconductor ...
AONS32314 ISC-AONS32314 Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AONS30300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com