Electronic Components Datasheet Search
  English  ▼

X  

MAX20072ATAD/V+ Datasheet (PDF) - Analog Devices

MAX20072ATAD/V+ Datasheet PDF - Analog Devices
Part # MAX20072ATAD/V+
Download  MAX20072ATAD/V+ Download
File Size   322.83 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single 600mA/1A 2.2MHz Low-Voltage Step- Down DC-DC Converter

MAX20072ATAD/V+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20072ATAD/V+ Datasheet PDF - Analog Devices

Part # MAX20072ATAD/V+
Download  MAX20072ATAD/V+ Click to download

File Size   322.83 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single 600mA/1A 2.2MHz Low-Voltage Step- Down DC-DC Converter

MAX20072ATAD/V+ Datasheet (HTML) - Analog Devices


MAX20072ATAD/V+ Product details

Benefits and Features
● Rich Feature Set in Ultra-Small Footprint
• High Efficiency DC-DC Converter
• Up to 1A Output Current.
• 3.0V to 5.5V Operating Supply Voltage
• Resistor Adjustable or Factory-Preset Output
Voltage
• Synchronizable, 2.2MHz Switching Frequency
• Enable Input
• PGOOD Output
• Current-Mode Architecture
• Optional Spread Spectrum
• 2mm x 2mm x 0.85mm 8-Pin TDFN
● High-Precision
• 107% OV Monitor
• 93% UV Monitor
• ±1.5% Output-Voltage Accuracy
• Forced-PWM and Skip Modes
● Protection
• Overtemperature and Short-Circuit Protection
● -40°C to +125°C Operating Temperature Range

Applications
● Automotive
● Point-of-Load




Similar Part No. - MAX20072ATAD/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
MAX20070 MAXIM-MAX20070 Datasheet
572Kb / 13P
2.7V to 5.5V Input Range for TFT Power Section
Rev 1; 9/15
MAX20070 MAXIM-MAX20070 Datasheet
791Kb / 35P
Integrated TFT Power Supplies and LED Backlight Drivers
2017
MAX20070B MAXIM-MAX20070B Datasheet
572Kb / 13P
2.7V to 5.5V Input Range for TFT Power Section
Rev 1; 9/15
MAX20070BGTJ/V+ MAXIM-MAX20070BGTJ/V+ Datasheet
791Kb / 35P
Integrated TFT Power Supplies and LED Backlight Drivers
2017
More results


Similar Description - MAX20072ATAD/V+

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
logo
Power Analog Micoelectr...
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
1A Step-Down DC-DC Converter
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
logo
Maxim Integrated Produc...
MAX16962 MAXIM-MAX16962 Datasheet
637Kb / 13P
4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
Rev 3; 7/15
MAX20073 MAXIM-MAX20073 Datasheet
595Kb / 12P
Single 2A/3A 2.2MHz Low-Voltage Step-Down DC-DC Converters
Rev 1; 7/18
MAX16963 MAXIM-MAX16963_V01 Datasheet
540Kb / 13P
Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015
MAX16961 MAXIM-MAX16961_V01 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com