Electronic Components Datasheet Search
  English  ▼

X  

MAX20073 Datasheet (PDF) - Maxim Integrated Products

MAX20073 Datasheet PDF - Maxim Integrated Products
Part # MAX20073
Download  MAX20073 Download
File Size   595.08 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single 2A/3A 2.2MHz Low-Voltage Step-Down DC-DC Converters

MAX20073 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20073 Datasheet PDF - Maxim Integrated Products

Part # MAX20073
Download  MAX20073 Click to download

File Size   595.08 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single 2A/3A 2.2MHz Low-Voltage Step-Down DC-DC Converters

MAX20073 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX20073

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20073 MAXIM-MAX20073 Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
More results


Similar Description - MAX20073

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922_10 Datasheet
994Kb / 17P
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
19-5039; Rev 1; 5/10
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
logo
Global Mixed-mode Techn...
G5798 GMT-G5798 Datasheet
76Kb / 1P
500kHz 2A/3A Synchronous Step-down DC/DC
G5796 GMT-G5796 Datasheet
88Kb / 1P
500kHz 2A/3A Synchronous Step-down DC/DC
logo
Torex Semiconductor
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
2A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX20416 MAXIM-MAX20416 Datasheet
117Kb / 2P
2.2MHz Dual-Output, Low-Voltage Step-Down Converters
MAX16963 MAXIM-MAX16963_V01 Datasheet
540Kb / 13P
Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015
MAX16922 MAXIM-MAX16922_V01 Datasheet
986Kb / 18P
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
2016
MAX16961 MAXIM-MAX16961_V01 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
logo
Analog Devices
MAX20071 AD-MAX20071 Datasheet
322Kb / 15P
Single 600mA/1A 2.2MHz Low-Voltage Step- Down DC-DC Converter
19-8542; Rev 11; 1/22
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com