Electronic Components Datasheet Search
  English  ▼

X  

AO4904L Datasheet (PDF) - Alpha & Omega Semiconductors

AO4904L Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4904L
Download  AO4904L Download
File Size   149.18 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO4904L Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4904L Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4904L
Download  AO4904L Click to download

File Size   149.18 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO4904L Datasheet (HTML) - Alpha & Omega Semiconductors


AO4904L Product details

General Description
The AO4904 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in DC-DC converters. A Schottky diode is co-packaged in parallel with the synchronous MOSFET to boost efficiency further Standard Product AO4904 is Pb-free (meets ROHS & Sony 259 specifications). AO4904L is a Green Product ordering option. AO4904 and AO4904L are electrically identical.

Features
    VDS (V) = 30V
    ID = 6.9A (VGS = 10V)
    RDS(ON) < 27mΩ (VGS = 10V)
    RDS(ON) < 32mΩ (VGS = 4.5V)
    RDS(ON) < 50mΩ (VGS = 2.5V)

SCHOTTKY
    VDS (V) = 30V, IF = 3A, VF=0.5V@1A




Similar Part No. - AO4904L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4900 AOSMD-AO4900 Datasheet
123Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4900 KEXIN-AO4900 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4900A AOSMD-AO4900A Datasheet
119Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4900AL AOSMD-AO4900AL Datasheet
119Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4900L AOSMD-AO4900L Datasheet
123Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AO4904L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO4916 ETC1-AO4916 Datasheet
547Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4914 AOSMD-AO4914 Datasheet
147Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4900A AOSMD-AO4900A Datasheet
119Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4906 AOSMD-AO4906 Datasheet
123Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4914A AOSMD-AO4914A Datasheet
184Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4916A AOSMD-AO4916A Datasheet
189Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
VBsemi Electronics Co.,...
VBA3316SA VBSEMI-VBA3316SA Datasheet
773Kb / 9P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com