Electronic Components Datasheet Search
  English  ▼

X  

AO4900 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4900 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4900
Download  AO4900 Download
File Size   123.34 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AO4900 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4900 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4900
Download  AO4900 Click to download

File Size   123.34 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AO4900 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4900 Product details

General Description

The AO4900 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in DC-DC converters. A Schottky diode is co-packaged in parallel with the synchronous MOSFET to boost efficiency further.Standard Product AO4900 is Pb free (meets ROHS & Sony 259 specifications).

AO4900L is a Green Product ordering option.

AO4900 and AO4900L are electrically identical.



Features

  VDS (V) = 30V

  ID = 6.9A (VGS = 10V)

  RDS(ON) < 27mΩ (VGS = 10V)

  RDS(ON) < 32mΩ (VGS = 4.5V)

  RDS(ON) < 50mΩ (VGS = 2.5V)



SCHOTTKY

  VDS (V) = 30V, IF = 3A, VF=0.5V@1A



 




Similar Part No. - AO4900

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4900 KEXIN-AO4900 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4900A AOSMD-AO4900A Datasheet
119Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4900AL AOSMD-AO4900AL Datasheet
119Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Similar Description - AO4900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com