Electronic Components Datasheet Search
  English  ▼

X  

2002-2296 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

2002-2296 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG
Part # 2002-2296
Download  2002-2296 Download
File Size   182.82 Kbytes
Page   3 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Separator plate; oversized upper deck; snap-fit type; 2 mm thick; orange

2002-2296 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002-2296 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG

Part # 2002-2296
Download  2002-2296 Click to download

File Size   182.82 Kbytes
Page   3 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Separator plate; oversized upper deck; snap-fit type; 2 mm thick; orange

2002-2296 Datasheet (HTML) - WAGO Kontakttechnik GmbH & Co. KG




Similar Part No. - 2002-2296

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-2291 WAGO-2002-2291 Datasheet
61Kb / 3P
End and intermediate plate; 0.8 mm thick; gray
24.11.2021
2002-2292 WAGO-2002-2292 Datasheet
63Kb / 3P
End and intermediate plate; 0.8 mm thick; orange
24.11.2021
2002-2295 WAGO-2002-2295 Datasheet
117Kb / 3P
Separator plate; oversized upper deck; snap-fit type; 2 mm thick; gray
24.11.2021
More results


Similar Description - 2002-2296

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-2295 WAGO-2002-2295 Datasheet
117Kb / 3P
Separator plate; oversized upper deck; snap-fit type; 2 mm thick; gray
24.11.2021
2002-2792 WAGO-2002-2792 Datasheet
83Kb / 3P
End plate; 0.8 mm thick; orange
24.11.2021
2002-1293 WAGO-2002-1293 Datasheet
123Kb / 3P
Seperator plate; 2 mm thick; oversized; gray
24.11.2021
2002-1294 WAGO-2002-1294 Datasheet
158Kb / 3P
Seperator plate; 2 mm thick; oversized; orange
24.11.2021
2002-1393 WAGO-2002-1393 Datasheet
137Kb / 3P
Seperator plate; 2 mm thick; oversized; gray
24.11.2021
2002-1394 WAGO-2002-1394 Datasheet
165Kb / 3P
Seperator plate; 2 mm thick; oversized; orange
24.11.2021
2002-1493 WAGO-2002-1493 Datasheet
112Kb / 3P
Seperator plate; 2 mm thick; oversized; gray
24.11.2021
2002-1494 WAGO-2002-1494 Datasheet
144Kb / 3P
Seperator plate; 2 mm thick; oversized; orange
24.11.2021
2002-1593 WAGO-2002-1593 Datasheet
73Kb / 2P
Separator plate; 1 mm thick; gray
25.11.2021
2002-1594 WAGO-2002-1594 Datasheet
81Kb / 2P
Separator plate; 1 mm thick; orange
24.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com