Electronic Components Datasheet Search
  English  ▼

X  

2002-1593 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

2002-1593 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG
Part # 2002-1593
Download  2002-1593 Download
File Size   73.27 Kbytes
Page   2 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Separator plate; 1 mm thick; gray

2002-1593 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002-1593 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG

Part # 2002-1593
Download  2002-1593 Click to download

File Size   73.27 Kbytes
Page   2 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description Separator plate; 1 mm thick; gray

2002-1593 Datasheet (HTML) - WAGO Kontakttechnik GmbH & Co. KG




Similar Part No. - 2002-1593

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-1591 WAGO-2002-1591 Datasheet
69Kb / 2P
End plate; 1 mm thick; gray
25.11.2021
2002-1592 WAGO-2002-1592 Datasheet
80Kb / 2P
End plate; 1 mm thick; orange
25.11.2021
2002-1594 WAGO-2002-1594 Datasheet
81Kb / 2P
Separator plate; 1 mm thick; orange
24.11.2021
More results


Similar Description - 2002-1593

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-1891 WAGO-2002-1891 Datasheet
61Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2002-2295 WAGO-2002-2295 Datasheet
117Kb / 3P
Separator plate; oversized upper deck; snap-fit type; 2 mm thick; gray
24.11.2021
2002-2991 WAGO-2002-2991 Datasheet
68Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2002-1591 WAGO-2002-1591 Datasheet
69Kb / 2P
End plate; 1 mm thick; gray
25.11.2021
2002-1594 WAGO-2002-1594 Datasheet
81Kb / 2P
Separator plate; 1 mm thick; orange
24.11.2021
2002-1691 WAGO-2002-1691 Datasheet
67Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2116-1291 WAGO-2116-1291 Datasheet
43Kb / 2P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2104-1291 WAGO-2104-1291 Datasheet
85Kb / 2P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2106-1291 WAGO-2106-1291 Datasheet
92Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2110-1291 WAGO-2110-1291 Datasheet
102Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com