Electronic Components Datasheet Search
  English  ▼

X  

1181 Datasheet (PDF) - 3M Electronics

1181 Datasheet PDF - 3M Electronics
Part # 1181
Download  1181 Download
File Size   107.03 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Copper Foil with Conductive Adhesive

1181 Datasheet (PDF)

Go To PDF Page Download Datasheet
1181 Datasheet PDF - 3M Electronics

Part # 1181
Download  1181 Click to download

File Size   107.03 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Copper Foil with Conductive Adhesive

1181 Datasheet (HTML) - 3M Electronics


1181 Product details

Description
3M™ Copper Foil Tape 1181 consists of a 1-ounce rolled copper foil backing and an

Applications
■ 3M Copper Foil Tape 1181 is typically used as an EMI/RFI shielding tape for applications in the electronics industry such as static charge draining, seaming shielded rooms, cable wrapping and surface contact to non-solderable materials. Shielding Effectiveness Many factors determine true shielding effectiveness of a shielding tape, including type and thickness of foil, adhesive type, intimacy of contact, smoothness of application surface, frequency of the EMI signal, etc. Typical shielding effectiveness for 1181 Tape is >85dB, 1MHz to 2 GHz, ASTMD-4935 test method.. Typical Properties Not for specifications. Values are typical, not to be considered minimum or maximum. Properties measured at room temperature 73°F (~23°C) unless otherwise stated. Physical Property (Test Method) Typical Value US units (metric) Color Copper Adhesive Acrylic Conductive Type of Backing Copper Backing Thickness 1.4 mil (0.04mm) Total Thickness (ASTM D1000) 2.6 mils (0.066mm)




Similar Part No. - 1181

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1181 3M-1181 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Heyco.
1181 HEYCO-1181 Datasheet
198Kb / 1P
Original Strain Relief Bushings
logo
Adafruit Industries
1181 ADAFRUIT-1181 Datasheet
144Kb / 2P
Linear Ball Bearing - 8mm diameter - LM8UU
7/24/2015
logo
Alpha Wire
1181-20C ALPHAWIRE-1181-20C Datasheet
345Kb / 3P
Customer Specification
7/4/2017
1181/15C ALPHAWIRE-1181/15C Datasheet
99Kb / 4P
Customer Specification
8/29/2022
More results


Similar Description - 1181

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3-6-1125 3M-3-6-1125 Datasheet
91Kb / 2P
Copper Foil with Acrylic Adhesive
80011181049 3M-80011181049 Datasheet
20Kb / 3P
1181 Tape Copper Foil with Conductive Adhesive
Jan-2000
1170 3M-1170 Datasheet
107Kb / 2P
Aluminum Foil with Conductive Adhesive
Apr-2010
1183 3M-1183 Datasheet
66Kb / 2P
Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
Rev C
3313 3M-3313 Datasheet
29Kb / 2P
Conductive Copper Foil Tape
33316 3M-33316 Datasheet
29Kb / 2P
Electrically Conductive Tinned Copper Foil
1194 3M-1194 Datasheet
21Kb / 2P
Copper Foil with Nonconductive Adhesive
1998
AL-25BT 3M-AL-25BT Datasheet
140Kb / 2P
Aluminum Foil with Conductive Acrylic Adhesive
2003
AL-37BLK 3M-AL-37BLK Datasheet
228Kb / 2P
Black Polyester Film (Matte Finish) Laminated Aluminum Foil with Conductive Acrylic Adhesive
2004
AL-50BT 3M-AL-50BT Datasheet
140Kb / 2P
Aluminum Foil with Conductive Acrylic Adhesive
2004
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com