Electronic Components Datasheet Search
  English  ▼

X  

1170 Datasheet (PDF) - 3M Electronics

1170 Datasheet PDF - 3M Electronics
Part # 1170
Download  1170 Download
File Size   107.08 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Aluminum Foil with Conductive Adhesive

1170 Datasheet (PDF)

Go To PDF Page Download Datasheet
1170 Datasheet PDF - 3M Electronics

Part # 1170
Download  1170 Click to download

File Size   107.08 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Aluminum Foil with Conductive Adhesive

1170 Datasheet (HTML) - 3M Electronics


1170 Product details

Description
3M™ Aluminum Foil Tape 1170 consists of a 1-ounce rolled aluminum foil backing and an

Applications
■ 3M Aluminum Foil Tape 1170 is typically used as an EMI/RFI shielding tape for applications in the electronics industry such as static charge draining, seaming shielded rooms, cable wrapping and surface contact to non-solderable materials. Shielding Effectiveness Many factors determine true shielding effectiveness of a shielding tape, including type and thickness of foil, adhesive type, intimacy of contact, smoothness of application surface, frequency of the EMI signal, etc. Typical shielding effectiveness for 1170 Tape is >85dB, 1MHz to 2 GHz, ASTMD-4935 test method. Typical Properties Not for specifications. Values are typical, not to be considered minimum or maximum. Properties measured at room temperature 73°F (~23°C) unless otherwise stated. Physical Property (Test Method) Typical Value US units (metric) Color Silver Metallic Adhesive Acrylic Conductive Type of Backing Aluminum Backing Thickness 2.0 mil (0.05mm) Total Thickness (ASTM D1000) 3.2 mils (0.081mm)




Similar Part No. - 1170

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1170 3M-1170 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Heyco.
1170 HEYCO-1170 Datasheet
121Kb / 1P
Original Strain Relief Bushings
logo
Adafruit Industries
1170 ADAFRUIT-1170 Datasheet
474Kb / 2P
Magnetic Pin Back
7-19-17
logo
ETAL Group
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
Extra low voltage wiring systems on all types of vehicles and marine craft
logo
E-T-A Elektrotechnische...
1170-21-10A E-T-A-1170-21-10A Datasheet
201Kb / 3P
Thermal Automotive Circuit Breaker 1170-...
More results


Similar Description - 1170

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3-6-1125 3M-3-6-1125 Datasheet
91Kb / 2P
Copper Foil with Acrylic Adhesive
80011181049 3M-80011181049 Datasheet
20Kb / 3P
1181 Tape Copper Foil with Conductive Adhesive
Jan-2000
logo
Laird Tech Smart Techno...
80231 LSTD-80231 Datasheet
181Kb / 1P
Laird Aluminum Foil Tape consists of an aluminum foil backing and a unique electrically conductive
logo
3M Electronics
1181 3M-1181 Datasheet
107Kb / 2P
Copper Foil with Conductive Adhesive
Apr-2010
1183 3M-1183 Datasheet
66Kb / 2P
Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
Rev C
1194 3M-1194 Datasheet
21Kb / 2P
Copper Foil with Nonconductive Adhesive
1998
AL-25BT 3M-AL-25BT Datasheet
140Kb / 2P
Aluminum Foil with Conductive Acrylic Adhesive
2003
AL-36NC 3M-AL-36NC Datasheet
226Kb / 2P
Polyester-Laminated Aluminum Foil with Acrylic Adhesive
2004
AL-37BLK 3M-AL-37BLK Datasheet
228Kb / 2P
Black Polyester Film (Matte Finish) Laminated Aluminum Foil with Conductive Acrylic Adhesive
2004
AL-50BT 3M-AL-50BT Datasheet
140Kb / 2P
Aluminum Foil with Conductive Acrylic Adhesive
2004
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com