Electronic Components Datasheet Search
  English  ▼

X  

ISL6292B Datasheet (PDF) - Intersil Corporation

ISL6292B Datasheet PDF - Intersil Corporation
Part # ISL6292B
Download  ISL6292B Download
File Size   287.62 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Li-ion/Li Polymer Battery Charger

ISL6292B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6292B Datasheet PDF - Intersil Corporation

Part # ISL6292B
Download  ISL6292B Click to download

File Size   287.62 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Li-ion/Li Polymer Battery Charger

ISL6292B Datasheet (HTML) - Intersil Corporation


ISL6292B Product details

Li-ion/Li Polymer Battery Charger

The ISL6292B uses Intersil’s patent-pending dual-mode charge technology to minimize the heat in a linear charger. The ISL6292B is a modification of the original ISL6292 and is optimized for cellular phone travel charger applications. The low-heat generation feature of the dual-mode charger enables the charger IC to be placed inside the connector of the travel charger to completely remove the influence of the adapter cable on the charging performance.

Features
• Complete Charger for Single-Cell Li-ion Batteries
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• Very Low Thermal Dual-Mode Operation
• 1% Voltage Accuracy with Remote Sense
• Programmable Current Limit up to 1.5A
• Programmable End-of-Charge Current
• Programmable Safety Timer
• Drives a Tri-Color LED
• Charge Current Thermal Foldback
• NTC Thermistor Interface for Battery Temperature Monitor
• Two-Level Ambient Temperature Setting
• Guaranteed to Operate at 2.65V After Start-Up
• Ambient Temperature Range: -20°C to 70°C
• Thermally-Enhanced QFN Packages
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220
        QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves
        PCB efficiency and has a thinner profile
• Pb-Free Available (RoHS Compliant)

Applications
• Handheld Devices including Medical Handhelds
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Self-Charging Battery Packs
• Stand-Alone Chargers
• USB Bus-Powered Chargers




Similar Part No. - ISL6292B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292B INTERSIL-ISL6292B Datasheet
293Kb / 12P
Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Renesas Technology Corp
ISL6292BCR RENESAS-ISL6292BCR Datasheet
571Kb / 12P
Li-ion/Li Polymer Battery Charger
More results


Similar Description - ISL6292B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
Li-ion/Li Polymer Battery Charger
ISL6292D RENESAS-ISL6292D Datasheet
695Kb / 13P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com