Electronic Components Datasheet Search
  English  ▼

X  

AUR9801D Datasheet (PDF) - Diodes Incorporated

AUR9801D Datasheet PDF - Diodes Incorporated
Part # AUR9801D
Download  AUR9801D Download
File Size   599.49 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LI-ION/LI POLYMER BATTERY CHARGER

AUR9801D Datasheet (PDF)

Go To PDF Page Download Datasheet
AUR9801D Datasheet PDF - Diodes Incorporated

Part # AUR9801D
Download  AUR9801D Click to download

File Size   599.49 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LI-ION/LI POLYMER BATTERY CHARGER

AUR9801D Datasheet (HTML) - Diodes Incorporated


AUR9801D Product details

Features
Complete Charger for Single-Cell Li-ion Batteries
Charges from either AC Adapter or USB Port
Integrated Power Pass Device with Current Sensing
No External Blocking Diode Required
Pre-charge Condition with Safety Timing
Charger Voltage Accuracy: 0.6%
Programmable Current Limit up to 1A
Sleep Mode for Power Saving
Charge Current Thermal Fold-back
NTC Thermistor Interface for Battery Temperature Monitor
Stand-Alone or Integrated Charger
Ambient Temperature Range: -40°C to +85°C
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
PDAs, Cell Phones and Smart Phones
Digital Camera, MP3 and Handheld Gamming
Portable Instruments including Medical Handhelds
Self-Charging Battery Packs
Stand-Alone Chargers or USB Port Chargers




Similar Part No. - AUR9801D

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9801C BCDSEMI-AUR9801C Datasheet
405Kb / 14P
Li-ion/Li Polymer Battery Charger
More results


Similar Description - AUR9801D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
Li-ion/Li Polymer Battery Charger
ISL6292D RENESAS-ISL6292D Datasheet
695Kb / 13P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
Li-ion/Li-Polymer Battery Charger
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com