Electronic Components Datasheet Search
  English  ▼

X  

7164S100YGI8 Datasheet (PDF) - Integrated Device Technology

7164S100YGI8 Datasheet PDF - Integrated Device Technology
Part # 7164S100YGI8
Download  7164S100YGI8 Download
File Size   749.13 Kbytes
Page   10 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS Static RAM 64K

7164S100YGI8 Datasheet (PDF)

Go To PDF Page Download Datasheet
7164S100YGI8 Datasheet PDF - Integrated Device Technology

Part # 7164S100YGI8
Download  7164S100YGI8 Click to download

File Size   749.13 Kbytes
Page   10 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS Static RAM 64K

7164S100YGI8 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - 7164S100YGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7164S100DB RENESAS-7164S100DB Datasheet
213Kb / 12P
CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
More results


Similar Description - 7164S100YGI8

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
LH521028 SHARP-LH521028 Datasheet
153Kb / 15P
CMOS 64K x 18 Static RAM
LH521028A SHARP-LH521028A Datasheet
124Kb / 15P
CMOS 64K x 18 Static RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5168 SHARP-LH5168 Datasheet
421Kb / 9P
CMOS 64K (8LX8) STATIC RAM
LH5164A-10LF SHARP-LH5164A-10LF Datasheet
346Kb / 20P
64K Static RAM
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com