Electronic Components Datasheet Search
  English  ▼

X  

7164S100DB Datasheet (PDF) - Renesas Technology Corp

7164S100DB Datasheet PDF - Renesas Technology Corp
Part # 7164S100DB
Download  7164S100DB Download
File Size   213.71 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 64K (8K x 8-Bit)

7164S100DB Datasheet (PDF)

Go To PDF Page Download Datasheet
7164S100DB Datasheet PDF - Renesas Technology Corp

Part # 7164S100DB
Download  7164S100DB Click to download

File Size   213.71 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 64K (8K x 8-Bit)

7164S100DB Datasheet (HTML) - Renesas Technology Corp


7164S100DB Product details

Features
◆ High-speed address/chip select access time
– Commercial: 20/25ns (max.)
– Industrial: 20/25ns (max.)
– Military: 20/25/35/45/55/70/85/100ns (max.)
◆ Low power consumption
◆ Battery backup operation – 2V data retention voltage
(L Version only)
◆ Produced with advanced CMOS high-performance
technology
◆ Inputs and outputs directly TTL-compatible
◆ Three-state outputs
◆ Available in 28-pin DIP, CERDIP and SOJ
◆ Military product compliant to MIL-STD-883, Class B
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 7164S100DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7164S100DG8 IDT-7164S100DG8 Datasheet
749Kb / 10P
CMOS Static RAM 64K
7164S100DG88 IDT-7164S100DG88 Datasheet
749Kb / 10P
CMOS Static RAM 64K
7164S100DGI IDT-7164S100DGI Datasheet
749Kb / 10P
CMOS Static RAM 64K
7164S100DGI8 IDT-7164S100DGI8 Datasheet
749Kb / 10P
CMOS Static RAM 64K
More results


Similar Description - 7164S100DB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
CMOS STATIC RAM 64K (8K x 8-BIT)
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
CMOS Static RAM 64K (8K x 8-Bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com