Electronic Components Datasheet Search
  English  ▼

X  

NTE950 Datasheet (PDF) - NTE Electronics

NTE950 Datasheet PDF - NTE Electronics
Part # NTE950
Download  NTE950 Download
File Size   27.38 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA

NTE950 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE950 Datasheet PDF - NTE Electronics

Part # NTE950
Download  NTE950 Click to download

File Size   27.38 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA

NTE950 Datasheet (HTML) - NTE Electronics


NTE950 Product details

Description:

The NTE950, NTE951, and NTE977 are positive 3–terminal voltage regulators in available in a TO92 type package. With adequate heat sinking these regulators can deliver 100mA output current. Current limiting is included to limit peak output current to safe value. Safe area protection for the output transistors is provided to limit internal power dissipation. If internal power dissipation becomes too high for the heat sinking provided, the thermal shutdown circuit takes over preventing the IC from overheating.

When used as a zener diode/resistor combination replacement, these devices usually result in an effective output impedance improvement of two orders of magnitude, and lower quiescent current. These regulators can provide local on card regulation, eliminating the distribution problems associated with single point regulation. Typical applications include use in logic systems, instrumentation, HiFi, and other solid state electronic equipment. Although designed primarily as fixed voltage regulators these devices can be used with external components to obtain adjustment voltages and currents.



Features:

Output Voltage Tolerances of ±5% over the Temperature Range

Output Current of 100mA

Internal Thermal Overload Protection

Output Transistor Safe Area Protection

Internal Short Circuit Current Limit



Absolute Maximum Ratings:

Output Voltage, VOUT

NTE977 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V

NTE950 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V

NTE951 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V

Input Voltage, VIN

NTE977 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V

NTE950, NTE951  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35V

Internal Power Dissipation (Note 1), PD . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited

Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C

Maximum Junction Temperature, TJ . . . . . . . .  . . . . . . . . . . . . . . . . . . . . . . . . +125°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . –55°C to +150°C

Lead Temperature (Soldering, 10 sec), TL . . . . . . . . .. . . . . . . . . . . . . . . . . . . +260°C




Similar Part No. - NTE950

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE952 NTE-NTE952 Datasheet
20Kb / 2P
Integrated Circuit Precision 2.5V Shunt
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
NTE955 NTE-NTE955 Datasheet
28Kb / 4P
Integrated Circuit Timing Circuit
NTE955 NTE-NTE955 Datasheet
43Kb / 5P
Integrated Circuit CMOS Timing Circuit
NTE955M NTE-NTE955M Datasheet
28Kb / 4P
Integrated Circuit Timing Circuit
More results


Similar Description - NTE950

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1906 NTE-NTE1906 Datasheet
22Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 18V, 100mA
NTE1908 NTE-NTE1908 Datasheet
23Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 24V, 100mA
NTE1960 NTE-NTE1960 Datasheet
27Kb / 3P
Integrated Circuit Positive, 3-Terminal Voltage Regulator
NTE981 NTE-NTE981 Datasheet
24Kb / 3P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE988 NTE-NTE988 Datasheet
24Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
100mA 3-Terminal Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com