Electronic Components Datasheet Search
  English  ▼

X  

NTE955M Datasheet (PDF) - NTE Electronics

NTE955M Datasheet PDF - NTE Electronics
Part # NTE955M
Download  NTE955M Download
File Size   28.43 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Timing Circuit

NTE955M Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE955M Datasheet PDF - NTE Electronics

Part # NTE955M
Download  NTE955M Click to download

File Size   28.43 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Timing Circuit

NTE955M Datasheet (HTML) - NTE Electronics


NTE955M Product details

Description:

The NTE955 series timing circuit is a highly stable controller capable of producing accurate time de lays, or oscillation. Additional terminals are provided for triggering or resetting if desired. In time delay mode of operation, the time is precisely controlled by one external resistor and capacitor. For astable operation as an oscillator, the free running frequency and the duty cycle are both accurately controlled with two external resistors and one capacitor. The circuit may be triggered and reset on falling wave forms, and the output structure can source or sink up to 200mA or drive TTL circuits.





Features:

Direct Replacement for 555 Timers 

Timing from Microseconds through Hours 

Operates in Both Astable and Monostable Modes 

Adjustable Duty Cycle 

High Current Output Can Source or Sink 200mA 

Output and Supply TTL Compatible TTL 

Temperature Stability of 0.005% per °C 

Normally “ON” or Normally “OFF” Output 

Available in Three Types:

  NTE955M – 8–Lead DIP

  NTE955S – 8–Lead SIP

  NTE955SM – SOIC–8 (Surface Mount)



Applications: 

Precision Timing 

Pulse Generation 

Sequential Timing 

Time Delay Generation 

Pulse Width Modulation 

Pulse Position Modulation 

Linear Ramp Generator



 




Similar Part No. - NTE955M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE955MC NTE-NTE955MC Datasheet
43Kb / 5P
Integrated Circuit CMOS Timing Circuit
More results


Similar Description - NTE955M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE955MC NTE-NTE955MC Datasheet
43Kb / 5P
Integrated Circuit CMOS Timing Circuit
logo
System Logic Semiconduc...
SLC555 SLS-SLC555 Datasheet
24Kb / 3P
Timing Circuit
SLC556 SLS-SLC556 Datasheet
23Kb / 2P
Timing Circuit
logo
Integral Corp.
IN556 INTEGRAL-IN556 Datasheet
114Kb / 2P
Timing Circuit
logo
List of Unclassifed Man...
IN555 ETC-IN555 Datasheet
96Kb / 2P
Timing Circuit
logo
KODENSHI_AUK CORP.
KK555 KODENSHI-KK555 Datasheet
238Kb / 4P
Timing Circuit
KK556 KODENSHI-KK556 Datasheet
196Kb / 3P
Timing Circuit
logo
IK Semicon Co., Ltd
IN555 IKSEMICON-IN555 Datasheet
232Kb / 4P
Timing Circuit
IN556 IKSEMICON-IN556 Datasheet
190Kb / 3P
Timing Circuit
IN556 IKSEMICON-IN556_11 Datasheet
188Kb / 3P
Timing Circuit
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com