Electronic Components Datasheet Search
  English  ▼

X  

NTE488 Datasheet (PDF) - NTE Electronics

NTE488 Datasheet PDF - NTE Electronics
Part # NTE488
Download  NTE488 Download
File Size   21.93 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output

NTE488 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE488 Datasheet PDF - NTE Electronics

Part # NTE488
Download  NTE488 Click to download

File Size   21.93 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output

NTE488 Datasheet (HTML) - NTE Electronics


NTE488 Product details

Description:
The NTE488 is a silicon NPN epitaxial planar type transistor designed for industrial use RF power Amplifiers on VHF band mobile radio applications.

Features:
• High Power Gain: Gpe ≥ 10.7dB @ VCC = 13.5V, PO = 3.5W, f = 175MHz
• TO39 Metal Sealed Package for High Reliability
• Emitter Electrode is Connected Electrically to the Case

Application:
  1 to 3 Watt Power Amplifiers in VHF Band Mobile Radio Applications.




Similar Part No. - NTE488

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE48 NTE-NTE48 Datasheet
21Kb / 2P
Silicon NPN Transistor Darlington, General Purpose Amplifier, High Current
NTE480 NTE-NTE480 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Broadband Amp, PO = 40W @ 512MHz
NTE4828 NTE-NTE4828 Datasheet
21Kb / 2P
Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE483 NTE-NTE483 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Mobile Use, PO = 18W @ 866MHz
NTE484 NTE-NTE484 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Mobile Use, PO = 25W @ 947MHz
More results


Similar Description - NTE488

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE317 NTE-NTE317 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output
NTE318 NTE-NTE318 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Output
NTE322 NTE-NTE322 Datasheet
27Kb / 3P
Silicon NPN Transistor RF Power Output
NTE470 NTE-NTE470 Datasheet
24Kb / 2P
Silicon NPN Transistor RF Power Output
NTE475 NTE-NTE475 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
NTE476 NTE-NTE476 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output
NTE477 NTE-NTE477 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output
NTE78 NTE-NTE78 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
NTE339 NTE-NTE339 Datasheet
75Kb / 2P
Silicon NPN Transistor RF Power Output
NTE341 NTE-NTE341 Datasheet
76Kb / 2P
Silicon NPN Transistor RF Power Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com