Electronic Components Datasheet Search
  English  ▼

X  

NTE484 Datasheet (PDF) - NTE Electronics

NTE484 Datasheet PDF - NTE Electronics
Part # NTE484
Download  NTE484 Download
File Size   22.49 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output for Mobile Use, PO = 25W @ 947MHz

NTE484 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE484 Datasheet PDF - NTE Electronics

Part # NTE484
Download  NTE484 Click to download

File Size   22.49 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output for Mobile Use, PO = 25W @ 947MHz

NTE484 Datasheet (HTML) - NTE Electronics


NTE484 Product details

Description:

The NTE484 is a 12.5 Volt epitaxial silicon NPN planer transistor designed for primarily for 800MHz mobile communications. This device is internally input matched in the common base configuration for extremely broadband performance and optimum gain characteristics.



Features:

• Designed for 800 MHz Mobile Communications Equipment

• 25W Min., with Greater than 5dB Gain at 836MHz

• Withstands Infinite VSWR at Rated Operating Conditions

• Internal Input matched “Tuned Q”

• Common Base Configuration



 




Similar Part No. - NTE484

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE48 NTE-NTE48 Datasheet
21Kb / 2P
Silicon NPN Transistor Darlington, General Purpose Amplifier, High Current
NTE480 NTE-NTE480 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Broadband Amp, PO = 40W @ 512MHz
NTE4828 NTE-NTE4828 Datasheet
21Kb / 2P
Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE483 NTE-NTE483 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Mobile Use, PO = 18W @ 866MHz
NTE486 NTE-NTE486 Datasheet
23Kb / 2P
Silicon NPN Transistor RF High Frequency Amplifier
More results


Similar Description - NTE484

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
NTE483 NTE-NTE483 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Mobile Use, PO = 18W @ 866MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com