Electronic Components Datasheet Search
  English  ▼

X  

NTE355 Datasheet (PDF) - NTE Electronics

NTE355 Datasheet PDF - NTE Electronics
Part # NTE355
Download  NTE355 Download
File Size   20.21 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz

NTE355 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE355 Datasheet PDF - NTE Electronics

Part # NTE355
Download  NTE355 Click to download

File Size   20.21 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz

NTE355 Datasheet (HTML) - NTE Electronics


NTE355 Product details

Description:
The NTE355 is designed for 12.5 Volt VHF large–signal amplifier applications required in military and industrial equipment operating to 250MHz.

Features:
● Balanced Emitter Construction with Isothermal Resistor Design to Provide the Designer with the Optimum in Transistor Ruggedness.
● Low lead Inductance Stripline Packaging for Easier Design and Increased Broadband Capabilities
● Flange Package for Easy Mounting and Better Thermal Conductivity to Heat Sink.
● Exceptional Power Output Stability versus Temperature.




Similar Part No. - NTE355

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE350 NTE-NTE350 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE350F NTE-NTE350F Datasheet
75Kb / 2P
Silicon NPN Transistor RF Power AMP
NTE351 NTE-NTE351 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Amp, Driver
NTE352 NTE-NTE352 Datasheet
20Kb / 2P
Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors (Surface Mount)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
More results


Similar Description - NTE355

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16002 NTE-NTE16002 Datasheet
23Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 13.5W, 175MHz
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
NTE472 NTE-NTE472 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output PO = 1.8W @ 175MHz
NTE478 NTE-NTE478 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output, PO = 100W @ 175MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com