Electronic Components Datasheet Search
  English  ▼

X  

438A Datasheet (PDF) - Littelfuse

438A Datasheet PDF - Littelfuse
Part # 438A
Download  438A Download
File Size   576.55 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The 438A series AECQ-compliant fuses are specifically tested to cater secondary circuit protection needs of compact auto electronics application

438A Datasheet (PDF)

Go To PDF Page Download Datasheet
438A Datasheet PDF - Littelfuse

Part # 438A
Download  438A Click to download

File Size   576.55 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The 438A series AECQ-compliant fuses are specifically tested to cater secondary circuit protection needs of compact auto electronics application

438A Datasheet (HTML) - Littelfuse




Similar Part No. - 438A

ManufacturerPart #DatasheetDescription
logo
Artisan Controls Corpor...
438A ARTISAN-438A Datasheet
304Kb / 2P
Delay-On-Make Time Capsule®
logo
Littelfuse
438A LITTELFUSE-438A Datasheet
353Kb / 3P
AEC-Q200 Qualified > Ceramic Fuse
05/30/24
logo
Artisan Controls Corpor...
438A-115 ARTISAN-438A-115 Datasheet
304Kb / 2P
Delay-On-Make Time Capsule®
438A-115-1 ARTISAN-438A-115-1 Datasheet
304Kb / 2P
Delay-On-Make Time Capsule®
438A-115-2 ARTISAN-438A-115-2 Datasheet
304Kb / 2P
Delay-On-Make Time Capsule®
More results


Similar Description - 438A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
State of the art protection for every application
logo
Laird Tech Smart Techno...
BTM410 LSTD-BTM410 Datasheet
1Mb / 25P
modules from Laird are designed to meet the needs of developers who wish to add robust
logo
Littelfuse
440A LITTELFUSE-440A Datasheet
667Kb / 3P
The 440A Series AECQ-Compliant fuses are specifically tested to cater to secondary circuit protection needs of compact auto electronics applications
SMAJ LITTELFUSE-SMAJ Datasheet
991Kb / 6P
The SMAJ series is designed specifically to protect
C-III LITTELFUSE-C-III Datasheet
1Mb / 10P
The C-III Varistor Series of Metal-Oxide Varistors are specifically designed for applications requiring high
TPSMB LITTELFUSE-TPSMB Datasheet
982Kb / 6P
The TPSMB series is designed specifically to protect
logo
SHIKUES Electronics
SMDJ5.0AG SKTECHNOLGY-SMDJ5.0AG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
logo
Maxim Integrated Produc...
MAX16932EVKIT MAXIM-MAX16932EVKIT Datasheet
580Kb / 11P
fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
logo
List of Unclassifed Man...
10S271K ETC-10S271K Datasheet
104Kb / 1P
The clamping voltage from 080P to 680K are tested at current 5A.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com