Electronic Components Datasheet Search
  English  ▼

X  

SMAJ Datasheet (PDF) - Littelfuse

SMAJ Datasheet PDF - Littelfuse
Part # SMAJ
Download  SMAJ Download
File Size   991.73 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The SMAJ series is designed specifically to protect

SMAJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ Datasheet PDF - Littelfuse

Part # SMAJ
Download  SMAJ Click to download

File Size   991.73 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description The SMAJ series is designed specifically to protect

SMAJ Datasheet (HTML) - Littelfuse


SMAJ Product details

400W Surface Mount Transient Voltage Supressors

FEATURES
• RoHScompliant
• For surface mounted applications in order to optimize board space
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Excellent clamping capability
• Repetition Rate (duty cycle): 0.01%
• Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for unidirectional types
• Typical IR less than 1A above 10V
• High Temperature soldering: 250˚C/10 seconds at terminals
• Plastic package has Underwriters Laboratory Flammability 94V-O




Similar Part No. - SMAJ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ JGD-SMAJ Datasheet
313Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMAJ EIC-SMAJ Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
More results


Similar Description - SMAJ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
5.0SMDJ12A LITTELFUSE-5.0SMDJ12A_12 Datasheet
1Mb / 5P
The 5.0SMDJ series is designed specifically to protect sensitive electronic
logo
DONGGUAN YOU FENG WEI E...
SMCJ5.0A-CA YFWDIODE-SMCJ5.0A-CA Datasheet
733Kb / 4P
The SMCJ series is designed specilically to protect
SMBJ5.0A-SMBJ440A YFWDIODE-SMBJ5.0A-SMBJ440A Datasheet
1Mb / 5P
The SMBJ series is designed specifically to protect
logo
Littelfuse
SMAJ-E LITTELFUSE-SMAJ-E Datasheet
1Mb / 5P
The SMAJ-E series is designed specifically to protect
SMBJ-E LITTELFUSE-SMBJ-E Datasheet
1Mb / 5P
The SMBJ-E series is designed specifically to protect
TPSMB LITTELFUSE-TPSMB Datasheet
982Kb / 6P
The TPSMB series is designed specifically to protect
logo
SHIKUES Electronics
SMDJ5.0AG SKTECHNOLGY-SMDJ5.0AG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
SMDJ5.0CAG SKTECHNOLGY-SMDJ5.0CAG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
logo
Guangdong Youtai Semico...
LESD8D7.0CAT5G UMW-LESD8D7.0CAT5G Datasheet
367Kb / 4P
The LESD8D7.0CA is designed to protect
LESD8LH5.0CT5G UMW-LESD8LH5.0CT5G Datasheet
456Kb / 4P
The LESD8LH5.0CT5G is designed to protect
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com