Electronic Components Datasheet Search
  English  ▼

X  

NTE274 Datasheet (PDF) - NTE Electronics

NTE274 Datasheet PDF - NTE Electronics
Part # NTE274
Download  NTE274 Download
File Size   25.78 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Darlington Power Amplifier, Switch

NTE274 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE274 Datasheet PDF - NTE Electronics

Part # NTE274
Download  NTE274 Click to download

File Size   25.78 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Darlington Power Amplifier, Switch

NTE274 Datasheet (HTML) - NTE Electronics


NTE274 Product details

Description:

The NTE274 (NPN) and NTE275 (PNP) are silicon complementary Darlington transistors in a TO66 type case designed for general purpose amplifier, low–frequency switching and hammer driver applications.



Features:

• High DC Current Gain: hFE = 3000 Typ @ IC = 2A

• Low Collector–Emitter Saturation Voltage: VCE(sat) = 2V Max @ IC = 2A

• Collector–Emitter Sustaining Voltage: VCEO(sus) = 80V Min

• Monolithic Construction with Built–In Base–Emitter Shunt Resistors



 




Similar Part No. - NTE274

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE27 NTE-NTE27 Datasheet
22Kb / 2P
Germanium PNP Transistor High Current, High Gain Amp
NTE270 NTE-NTE270 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2708 NTE-NTE2708 Datasheet
30Kb / 4P
Integrated Circuit NMOS, 8K UV EPROM, 450ns
NTE2708 NTE-NTE2708 Datasheet
165Kb / 1P
MICROPROCESSOR & MEMORY CIRCUITS
NTE271 NTE-NTE271 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amp, Switch
More results


Similar Description - NTE274

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2426 NTE-NTE2426 Datasheet
22Kb / 2P
Silicon Complementary Transistors Darlington Switch
NTE243 NTE-NTE243 Datasheet
26Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE245 NTE-NTE245 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE247 NTE-NTE247 Datasheet
26Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE249 NTE-NTE249 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE251 NTE-NTE251 Datasheet
26Kb / 3P
Silicon Complementary Transistors Darlington Power Amplifier
NTE253 NTE-NTE253 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE261 NTE-NTE261 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE268 NTE-NTE268 Datasheet
21Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com