Electronic Components Datasheet Search
  English  ▼

X  

NTE243 Datasheet (PDF) - NTE Electronics

NTE243 Datasheet PDF - NTE Electronics
Part # NTE243
Download  NTE243 Download
File Size   26.51 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Darlington Power Amplifier

NTE243 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE243 Datasheet PDF - NTE Electronics

Part # NTE243
Download  NTE243 Click to download

File Size   26.51 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Darlington Power Amplifier

NTE243 Datasheet (HTML) - NTE Electronics


NTE243 Product details

Description:

The NTE243 (NPN) and NTE244 (PNP) are silicon complementary Darlington transistors in a TO3 type case designed for general–purpose amplifier and low–frequency switching applications.



Features:

• High DC Current Gain: hFE = 3000 Typ @ IC = 4A

• Collector–Emitter Sustaining Voltage: VCEO(sus) = 80V Min @ 100mA

• Low Collector–Emitter Saturation Voltage:

   VCE(sat) = 2V Max @ IC = 4A

               = 3V Max @ IC = 8A

• Monolithic Construction with Built–In Base–Emitter Shunt Resistors



 




Similar Part No. - NTE243

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2430 NTE-NTE2430 Datasheet
19Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch (Compl to NTE2431)
NTE2431 NTE-NTE2431 Datasheet
19Kb / 2P
Silicon PNP Transistor High Voltage Amp/Switch (Compl to NTE2430)
More results


Similar Description - NTE243

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE245 NTE-NTE245 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE247 NTE-NTE247 Datasheet
26Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE249 NTE-NTE249 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE251 NTE-NTE251 Datasheet
26Kb / 3P
Silicon Complementary Transistors Darlington Power Amplifier
NTE253 NTE-NTE253 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE261 NTE-NTE261 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE268 NTE-NTE268 Datasheet
21Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE274 NTE-NTE274 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier, Switch
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com