Electronic Components Datasheet Search
  English  ▼

X  

TEMT6200 Datasheet (PDF) - Vishay Siliconix

TEMT6200 Datasheet PDF - Vishay Siliconix
Part # TEMT6200
Download  TEMT6200 Download
File Size   168.56 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ambient Light Sensor in 0805 Package

TEMT6200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEMT6200 Datasheet PDF - Vishay Siliconix

Part # TEMT6200
Download  TEMT6200 Click to download

File Size   168.56 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ambient Light Sensor in 0805 Package

TEMT6200 Datasheet (HTML) - Vishay Siliconix


TEMT6200 Product details

• Package type: surface mount
• Package form: 0805
• Dimensions (L x W x H in mm): 2 x 1.25 x 0.85
• AEC-Q101 qualified
• High photo sensitivity
• Adapted to human eye responsivity
• Supression filter for near infrared radiation
• Angle of half sensitivity: ϕ = ± 60°
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead (Pb)-free reflow soldering




Similar Part No. - TEMT6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMT6200F VISHAY-TEMT6200F Datasheet
164Kb / 8P
Ambient Light Sensor in 0805 Package
25-Jun-14
TEMT6200FX01 VISHAY-TEMT6200FX01 Datasheet
162Kb / 8P
Ambient Light Sensor in 0805 Package, RoHS Compliant, Released for Lead (Pb)-free Solder Process, AEC-Q101 Released
29-Aug-07
TEMT6200FX01 VISHAY-TEMT6200FX01 Datasheet
178Kb / 8P
Ambient Light Sensor in 0805 Package, RoHS Compliant, Released for Lead (Pb)-free Reflow Soldering, AEC-Q101 Released
30-Oct-08
TEMT6200FX01 VISHAY-TEMT6200FX01 Datasheet
164Kb / 8P
Ambient Light Sensor in 0805 Package
25-Jun-14
TEMT6200FX01 VISHAY-TEMT6200FX01 Datasheet
168Kb / 8P
Ambient Light Sensor in 0805 Package
25-Jun-14
More results


Similar Description - TEMT6200

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Vishay Siliconix
TEMT6200F VISHAY-TEMT6200F Datasheet
164Kb / 8P
Ambient Light Sensor in 0805 Package
25-Jun-14
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
Ambient Light Sensor
logo
ON Semiconductor
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
TEMT6200FX01 VISHAY-TEMT6200FX01_14 Datasheet
168Kb / 8P
Ambient Light Sensor in 0805 Package
25-Jun-14
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
Ambient Light Sensor
November, 2017 ??Rev. 4
logo
Vishay Siliconix
TEMT6200FX01 VISHAY-TEMT6200FX01_V01 Datasheet
165Kb / 8P
Ambient Light Sensor in 0805 Package
25-Jun-14
TEMT6200FX01 VISHAY-TEMT6200FX01_V02 Datasheet
166Kb / 8P
Ambient Light Sensor in 0805 Package
25-Jun-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com