Electronic Components Datasheet Search
  English  ▼

X  

0745460404 Datasheet (PDF) - Molex Electronics Ltd.

0745460404 Datasheet PDF - Molex Electronics Ltd.
Part # 0745460404
Download  0745460404 Download
File Size   35.63 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description iPass PCIe x4 Cable Assembly, 28 AWG, 4.0m Length

0745460404 Datasheet (PDF)

Go To PDF Page Download Datasheet
0745460404 Datasheet PDF - Molex Electronics Ltd.

Part # 0745460404
Download  0745460404 Click to download

File Size   35.63 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description iPass PCIe x4 Cable Assembly, 28 AWG, 4.0m Length

0745460404 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0745460404

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0745460400 MOLEX1-0745460400 Datasheet
35Kb / 1P
iPass PCIe x4 Cable Assembly, 28 AWG, 0.50m Length
0745460401 MOLEX1-0745460401 Datasheet
35Kb / 1P
iPass PCIe x4 Cable Assembly, 28 AWG, 1.0m Length
0745460401 MOLEX-0745460401 Datasheet
34Kb / 1P
iPass Connector System
10/16/2018
0745460401 MOLEX-0745460401_V01 Datasheet
34Kb / 1P
iPass Connector System
10/16/2018
0745460402 MOLEX1-0745460402 Datasheet
35Kb / 1P
iPass PCIe x4 Cable Assembly, 28 AWG, 2.0m Length
More results


Similar Description - 0745460404

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0745460407 MOLEX1-0745460407 Datasheet
35Kb / 1P
iPass PCIe x4 Cable Assembly, 24 AWG, 7.0m Length
0745460801 MOLEX1-0745460801 Datasheet
35Kb / 1P
iPass PCIe x8 Cable Assembly, 28 AWG, 1.0m Length
0745460804 MOLEX1-0745460804 Datasheet
35Kb / 1P
iPass PCIe x8 Cable Assembly, 28 AWG, 4.0m Length
0745461604 MOLEX1-0745461604 Datasheet
35Kb / 1P
iPass PCIe x16 Cable Assembly, 28 AWG, 4.0m Length
0745460400 MOLEX1-0745460400 Datasheet
35Kb / 1P
iPass PCIe x4 Cable Assembly, 28 AWG, 0.50m Length
0745460401 MOLEX1-0745460401 Datasheet
35Kb / 1P
iPass PCIe x4 Cable Assembly, 28 AWG, 1.0m Length
0745460402 MOLEX1-0745460402 Datasheet
35Kb / 1P
iPass PCIe x4 Cable Assembly, 28 AWG, 2.0m Length
0745460403 MOLEX1-0745460403 Datasheet
35Kb / 1P
iPass PCIe x4 Cable Assembly, 28 AWG, 3.0m Length
0745460405 MOLEX1-0745460405 Datasheet
35Kb / 1P
iPass PCIe x4 Cable Assembly, 26 AWG, 5.0m Length
0745460406 MOLEX1-0745460406 Datasheet
35Kb / 1P
iPass PCIe x4 Cable Assembly, 24 AWG, 6.0m Length
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com