Electronic Components Datasheet Search
  English  ▼

X  

NTE2102 Datasheet (PDF) - NTE Electronics

NTE2102 Datasheet PDF - NTE Electronics
Part # NTE2102
Download  NTE2102 Download
File Size   28.73 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit NMOS, 1K Static RAM (SRAM), 350ns

NTE2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2102 Datasheet PDF - NTE Electronics

Part # NTE2102
Download  NTE2102 Click to download

File Size   28.73 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit NMOS, 1K Static RAM (SRAM), 350ns

NTE2102 Datasheet (HTML) - NTE Electronics


NTE2102 Product details

Description:

The NTE2101 is a high–speed 1024 x 1 bit static random access read/write memory in a 16–Lead DIP type package designed using N–Channel depletion mode silicon gate technology. Static storage cells eliminate the need for clock or refresh circuitry.

Low threshold silicon gate N–Channel technology allows complete DTL/TTL compatibility of all inputs and outputs as well as a single 5V supply. The separate chip enable input (CE) controlling the output allows easy memory expansion by OR–tying individual devices to a data bus. Data in and data out have the same polarity.



Features:

• Single 5V Supply

• All Inputs and Outputs Directly DTL/TTL Compatible

• Static Operation – No Clocks or Refresh

• All Inputs Protected Against Static Charge

• 350ns Access Time



 




Similar Part No. - NTE2102

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2102 NTE-NTE2102 Datasheet
165Kb / 1P
MICROPROCESSOR & MEMORY CIRCUITS
More results


Similar Description - NTE2102

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2114 NTE-NTE2114 Datasheet
29Kb / 4P
Integrated Circuit MOS, Static 4K RAM, 300ns
NTE6508 NTE-NTE6508 Datasheet
37Kb / 4P
Integrated Circuit CMOS, 1K Static RAM (SRAM)
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
1K x 8 Dual-Port Static Ram
May 1989 - Revised March 27, 1997
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
1K x 4 Static RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
1K x 8-BIT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
1K x 8 Dual-Port Static RAM
logo
Siemens Semiconductor G...
SAE81C52 SIEMENS-SAE81C52 Datasheet
288Kb / 10P
256 x 8-Bit Static CMOS RAM NMOS-Compatible
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com