Electronic Components Datasheet Search
  English  ▼

X  

MAX9212 Datasheet (PDF) - Maxim Integrated Products

MAX9212 Datasheet PDF - Maxim Integrated Products
Part # MAX9212
Download  MAX9212 Download
File Size   904.71 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Programmable DC-Balance 21-Bit Deserializers

MAX9212 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9212 Datasheet PDF - Maxim Integrated Products

Part # MAX9212
Download  MAX9212 Click to download

File Size   904.71 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Programmable DC-Balance 21-Bit Deserializers

MAX9212 Datasheet (HTML) - Maxim Integrated Products


MAX9212 Product details

General Description
The MAX9210/MAX9212/MAX9214/MAX9216/MAX9220/MAX9222 deserialize three LVDS serial data inputs into 21 single-ended LVCMOS/LVTTL outputs. A parallel rate LVDS clock received with the LVDS data streams provides timing for deserialization. The outputs have a sepa rate supply, allowing 1.8V to 5V output logic levels.
The MAX9210/MAX9212/MAX9214/MAX9216/MAX9220/MAX9222 feature programmable DC balance, which allows isolation between a serializer and deserializer using AC-coupling. A deserializer decodes data trans mitted by a MAX9209/MAX9211/MAX9213/MAX9215 serializer.

Features
♦ Programmable DC Balance or Non-DC Balance
♦ DC Balance Allows AC-Coupling for Wider Input
   Common-Mode Voltage Range
♦ As Low as 8MHz Operation
   (MAX9210/MAX9212/MAX9220)
♦ Falling-Edge Output Strobe (MAX9220/MAX9222)
♦ Slower Output Transitions for Reduced EMI
   (MAX9210/MAX9212/MAX9220)
♦ High-Impedance Outputs when PWRDWN is Low
   Allow Output Busing
♦ Pin Compatible with DS90CR216A/DS90CR218A
   (MAX9210/MAX9212/MAX9214/MAX9216)
♦ Fail-Safe Inputs in Non-DC-Balanced Mode
♦ 5V Tolerant PWRDWN Input
♦ PLL Requires No External Components
♦ Up to 1.785Gbps Throughput
♦ Separate Output Supply Pins Allow Interface to
   1.8V, 2.5V, 3.3V, and 5V Logic
♦ LVDS Inputs Meet IEC 61000-4-2 Level 4 ESD
   Requirements
♦ LVDS Inputs Conform to ANSI TIA/EIA-644 LVDS
   Standard
♦ Low-Profile 48-Lead TSSOP and Space-Saving
   QFN Packages
♦ +3.3V Main Power Supply
♦ -40°C to +85°C Operating Temperature Range

Applications
   Automotive Navigation Systems
   Automotive DVD Entertainment Systems
   Digital Copiers
   Laser Printers




Similar Part No. - MAX9212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX921 MAXIM-MAX921 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
MAX921-MAX924 MAXIM-MAX921-MAX924 Datasheet
139Kb / 16P
Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX9210 MAXIM-MAX9210 Datasheet
194Kb / 17P
Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9210 MAXIM-MAX9210 Datasheet
1Mb / 17P
Programmable DC-Balance 21-Bit Deserializers
2014
More results


Similar Description - MAX9212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9232 MAXIM-MAX9232 Datasheet
49Kb / 1P
Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer
Rev 0; 9/05
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9242 MAXIM-MAX9242_07 Datasheet
293Kb / 22P
21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 2; 6/07
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9242 MAXIM-MAX9242_09 Datasheet
256Kb / 23P
21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
Programmable DC-Balance 21-Bit Deserializers
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com