Electronic Components Datasheet Search
  English  ▼

X  

SFPL-64 Datasheet (PDF) - List of Unclassifed Manufacturers

SFPL-64 Datasheet PDF - List of Unclassifed Manufacturers
Part # SFPL-64
Download  SFPL-64 Download
File Size   54.07 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Ultra-Fast-Recovery Rectifier Diodes

SFPL-64 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFPL-64 Datasheet PDF - List of Unclassifed Manufacturers

Part # SFPL-64
Download  SFPL-64 Click to download

File Size   54.07 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Ultra-Fast-Recovery Rectifier Diodes

SFPL-64 Datasheet (HTML) - List of Unclassifed Manufacturers


SFPL-64 Product details

Ultra-Fast-Recovery Rectifier Diodes

trr 1 : IF/IR(=IF)  90% Recovery Point
(ex. IF/IR =100mA/100mA  90% Recovery Point)
trr  2 : IF/IR(=2 IF) 75% Recovery Point
(ex. IF/IR =100mA/200mA  75% Recovery Point)




Similar Part No. - SFPL-64

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SFPL-62 SANKEN-SFPL-62 Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes (Surface Mount)
SFPL-62 SANKEN-SFPL-62 Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
More results


Similar Description - SFPL-64

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com