Electronic Components Datasheet Search
  English  ▼

X  

XE1276A Datasheet (PDF) - List of Unclassifed Manufacturers

XE1276A Datasheet PDF - List of Unclassifed Manufacturers
Part # XE1276A
Download  XE1276A Download
File Size   97.42 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Compact 1200 bps Modem

XE1276A Datasheet (PDF)

Go To PDF Page Download Datasheet
XE1276A Datasheet PDF - List of Unclassifed Manufacturers

Part # XE1276A
Download  XE1276A Click to download

File Size   97.42 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Compact 1200 bps Modem

XE1276A Datasheet (HTML) - List of Unclassifed Manufacturers


XE1276A Product details

[Xecom]

Description
The XE1276A is the successor to the XE1276. Several improvements have been incorporated in the XE1276A. Power consumption has been reduced, an automatic Sleep mode has been added and the XE1276A includes non-volatile memory for storage of the "AT" Commands used for modem control and configuration.

Features
• Modem Protocols Supported: V.22, V.21, Bell 212A and 103
• Pin compatible with the XE1276, XE2476 and CH1776
• Command set: "AT" command set for modem control and configuration.
• Modem Configuration stored in NVRAM
• Small Size: 2.00 inches long, 1.125 inches wide, 0.44 inches high.
• Single +5V supply
• Low power CMOS: Operating: 200 mW (Typical) Sleep: 50 mW (maximum)




Similar Part No. - XE1276A

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE12001 OKAYA-XE12001 Datasheet
401Kb / 1P
SPARK QUENCHER
XE12001 OKAYA-XE12001 Datasheet
76Kb / 1P
SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
401Kb / 1P
SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
76Kb / 1P
SPARK QUENCHER
XE1201 OKAYA-XE1201 Datasheet
401Kb / 1P
SPARK QUENCHER
More results


Similar Description - XE1276A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
MSM7512B OKI-MSM7512B Datasheet
111Kb / 12P
1200 bps Half Duplex FSK Modem - ITU-T V.23
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
9600/14400 bps FAX MODEM
logo
Sanyo Semicon Device
LC89201 SANYO-LC89201 Datasheet
114Kb / 9P
9600-bps Facsimile Modem
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
Miniature 2400 bps Modem Module
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
Compact 33,600 BPS Data and Fax Modem
logo
OKI electronic componet...
ML7020 OKI-ML7020 Datasheet
125Kb / 19P
1200 bps MODEM for Remote Control Systems
logo
fujitsu semiconductor
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
1200 BPS MSK MODEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com