Electronic Components Datasheet Search
  English  ▼

X  

NTE240 Datasheet (PDF) - NTE Electronics

NTE240 Datasheet PDF - NTE Electronics
Part # NTE240
Download  NTE240 Download
File Size   23.91 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors High Voltage Video Amplifier

NTE240 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE240 Datasheet PDF - NTE Electronics

Part # NTE240
Download  NTE240 Click to download

File Size   23.91 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors High Voltage Video Amplifier

NTE240 Datasheet (HTML) - NTE Electronics


NTE240 Product details

Description:

The NTE191 (NPN) and NTE240 (PNP) are silicon complementary transistors in a TO202N type package designed for high–voltage video and luminance output stages in TV receivers.



Features:

• High Collector–Emitter Breakdown Voltage: V(BR)CEO = 300V (Min) @ IC = 1mA

• Low Collector–Emitter Saturation Voltage: VCE(sat) = 0.75V (Max) @ IC = 30mA

• Low Collector–Base Capacitance: Ccb = 3pF (Max) @ VCB = 20V



 




Similar Part No. - NTE240

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2401 NTE-NTE2401 Datasheet
22Kb / 2P
Silicon PNP Transistor RF Stages in FM Front Ends
NTE2402 NTE-NTE2402 Datasheet
21Kb / 2P
Silicon Complementary Transistors Low Noise, UHF/VHF Amplifier
NTE2403 NTE-NTE2403 Datasheet
21Kb / 2P
Silicon Complementary Transistors Low Noise, UHF/VHF Amplifier
NTE2404 NTE-NTE2404 Datasheet
21Kb / 2P
Silicon Complementary Transistors Darlington, General Purpose
NTE2405 NTE-NTE2405 Datasheet
21Kb / 2P
Silicon Complementary Transistors Darlington, General Purpose
More results


Similar Description - NTE240

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE11 NTE-NTE11 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Current Amplifier
NTE188 NTE-NTE188 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage Amplifier & Driver
NTE2305 NTE-NTE2305 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Voltage Power Amplifier
NTE2501 NTE-NTE2501 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Voltage for Video Output
NTE2530 NTE-NTE2530 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Voltage Driver
NTE2633 NTE-NTE2633 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Frequency Video Driver
NTE287 NTE-NTE287 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Voltage, General Purpose Amplifier
logo
Central Semiconductor C...
CMPT6517 CENTRAL-CMPT6517 Datasheet
104Kb / 2P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
logo
Rectron Semiconductor
BF491 RECTRON-BF491 Datasheet
617Kb / 4P
PNP SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS High Voltage Video Amplifier
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com