Electronic Components Datasheet Search
  English  ▼

X  

NTE1842 Datasheet (PDF) - NTE Electronics

NTE1842 Datasheet PDF - NTE Electronics
Part # NTE1842
Download  NTE1842 Download
File Size   26.39 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit FM/AM IF System

NTE1842 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1842 Datasheet PDF - NTE Electronics

Part # NTE1842
Download  NTE1842 Click to download

File Size   26.39 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit FM/AM IF System

NTE1842 Datasheet (HTML) - NTE Electronics


NTE1842 Product details

Description:

The NTE1842 is a FM/AM IF system IC in a 16–Lead DIP type package designed for portable use. As compared with conventional ICs, this device is greatly improved in external parts counts and electrical characteristics, espeically tweet and overload distortions.



Features:

• Low Supply Current, AM: 7mA, FM: 10mA (Typ)

• Low Number of External Components

• Excellent Tweet

• Low Overvoltage Distortion

• Tuning Indicator LED Driving Capability: ILAMP = 10mA (Max)

• Built–In FM/AM Mode Switch

• Common Output for FM/AM

• Operating Supply Voltage Range: VCC9opr) = 3V to 8V



 




Similar Part No. - NTE1842

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE184 NTE-NTE184 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE1840 NTE-NTE1840 Datasheet
24Kb / 2P
Integrated Circuit Hybrid Switching Voltage Regulator
NTE1841 NTE-NTE1841 Datasheet
24Kb / 2P
Integrated Circuit Hybrid Switching Voltage Regulator
NTE1843 NTE-NTE1843 Datasheet
21Kb / 2P
Integrated Circuit FM Front End
NTE1844 NTE-NTE1844 Datasheet
23Kb / 3P
Integrated Circuit Motor Speed Regulator
More results


Similar Description - NTE1842

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1003 NTE-NTE1003 Datasheet
19Kb / 2P
Integrated Circuit FM/AM IF Amplifier
NTE1054 NTE-NTE1054 Datasheet
19Kb / 2P
Integrated Circuit FM/AM IF Amp
NTE1242 NTE-NTE1242 Datasheet
21Kb / 2P
Integrated Circuit FM/AM IF Amp, AM Converter
NTE1301 NTE-NTE1301 Datasheet
21Kb / 2P
Integrated Circuit AM/FM IF
NTE1557 NTE-NTE1557 Datasheet
21Kb / 3P
Integrated Circuit FM/AM IF System
logo
Daewoo Semiconductor
DBL1011 DAEWOO-DBL1011 Datasheet
256Kb / 5P
FM/AM IF SYSTEM
logo
KEC(Korea Electronics)
KIA6040P KEC-KIA6040P Datasheet
127Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (AM/FM IF SYSTEM IC)
logo
Hitachi Semiconductor
HA12413 HITACHI-HA12413 Datasheet
658Kb / 7P
FM/AM IF SYSTEM
logo
Rohm
BA4236L ROHM-BA4236L Datasheet
966Kb / 19P
FM/AM IF SYSTEM
logo
Toshiba Semiconductor
TA7758P TOSHIBA-TA7758P Datasheet
359Kb / 5P
AM/FM IF SYSTEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com