Electronic Components Datasheet Search
  English  ▼

X  

NTE1829 Datasheet (PDF) - NTE Electronics

NTE1829 Datasheet PDF - NTE Electronics
Part # NTE1829
Download  NTE1829 Download
File Size   21.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Quad Transistor Array, 5k?

NTE1829 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1829 Datasheet PDF - NTE Electronics

Part # NTE1829
Download  NTE1829 Click to download

File Size   21.3 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Quad Transistor Array, 5k?

NTE1829 Datasheet (HTML) - NTE Electronics


NTE1829 Product details

Features:

• 4 Circuits

• Output Current: IC = 50mA

• Breakdown Voltage: VCEO = 24V

• Built–In Base Current Limiting Resistor



 




Similar Part No. - NTE1829

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE182 NTE-NTE182 Datasheet
22Kb / 2P
Silicon Complementary Transistors General Purpose Amplifier, Switch
NTE1820 NTE-NTE1820 Datasheet
31Kb / 2P
Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1822 NTE-NTE1822 Datasheet
21Kb / 2P
Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
Integrated Circuit Dual, DC Motor Driver
NTE1827 NTE-NTE1827 Datasheet
26Kb / 2P
Integrated Circuit VIF & SIF Circuit for TV/VCR
More results


Similar Description - NTE1829

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1828 NTE-NTE1828 Datasheet
21Kb / 2P
Integrated Circuit Quad Transistor Array, 10k?
NTE2078 NTE-NTE2078 Datasheet
19Kb / 2P
Integrated Circuit 5-Stage Darlington Transistor Array
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
Integrated Circuit 7-Stage Darlington Transistor Array
NTE2090 NTE-NTE2090 Datasheet
21Kb / 2P
Integrated Circuit 7-Channel Transistor Array
NTE907 NTE-NTE907 Datasheet
27Kb / 3P
Integrated Circuit Diode Array
logo
KEC(Korea Electronics)
KID65001AP KEC-KID65001AP Datasheet
812Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65001APV KEC-KID65001APV Datasheet
509Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65551S KEC-KID65551S Datasheet
239Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 CIRCUIT TRANSISTOR ARRAY)
logo
NTE Electronics
NTE917 NTE-NTE917 Datasheet
102Kb / 4P
Integrated Circuit Dual, Independent Transistor Array, Differential Amp
NTE2084 NTE-NTE2084 Datasheet
75Kb / 2P
Integrated Circuit 5−Stage Darlington Transistor Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com