Electronic Components Datasheet Search
  English  ▼

X  

UPD168113 Datasheet (PDF) - NEC

UPD168113 Datasheet PDF - NEC
Part # UPD168113
Download  UPD168113 Download
File Size   771.22 Kbytes
Page   50 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUIT

UPD168113 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168113 Datasheet PDF - NEC

Part # UPD168113
Download  UPD168113 Click to download

File Size   771.22 Kbytes
Page   50 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS INTEGRATED CIRCUIT

UPD168113 Datasheet (HTML) - NEC


UPD168113 Product details

DESCRIPTION
The µ PD168113 is a serial control 7-channel H-bridge driver that consists of a CMOS controller and a MOS output stage. It can reduce the current consumption and the voltage loss at the output stage compared with a conventional driver using bipolar transistors, thanks to employment of a MOS process. The µ PD168113 can drive various motor coils by controlling the serial, so that the number of signal lines necessary for controlling the motor can be decreased.
The package is a 56-pin WQFN that helps reduce the mounting area and height.
The µ PD168113 can be used to drive two stepping motors, or two DC motors and one coil.

FEATURES
• Seven H-bridge circuits employing power MOS FET
• Low-voltage driving
    VDD = 2.7 to 3.6 V
    VM = 2.7 to 5.5 V
• Output on-state resistance: 1.0 Ω TYP., 1.5 Ω MAX. (sum of top and bottom stage)
• Output current
    <1 ch to 6 ch>
        DC current: 0.4 A/ch (when each channel is used independently)
        Peak current: 0.7 A/ch (when each channel is used independently)
    <7 ch>
        DC current: 0.5 A/ch (when used independently)
        Peak current: 0.7 A/ch (when used independently)
• Input logic frequency: 6 MHz supported
• Undervoltage lockout circuit
    Shuts down the internal circuit at VDD = 1.7 V TYP.
• Overheat protection circuit
    Operates at 150°C or more and shuts down internal circuitry.
• 56-pin WQFN (□8 mm, 0.5 mm pitch)




Similar Part No. - UPD168113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168113 RENESAS-UPD168113 Datasheet
885Kb / 52P
MOS INTEGRATED CIRCUIT
2003
UPD168113K9-9B4-A RENESAS-UPD168113K9-9B4-A Datasheet
885Kb / 52P
MOS INTEGRATED CIRCUIT
2003
More results


Similar Description - UPD168113

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com