Electronic Components Datasheet Search
  English  ▼

X  

VSMY2850RG Datasheet (PDF) - Vishay Siliconix

VSMY2850RG Datasheet PDF - Vishay Siliconix
Part # VSMY2850RG
Download  VSMY2850RG Download
File Size   158.91 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes

VSMY2850RG Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMY2850RG Datasheet PDF - Vishay Siliconix

Part # VSMY2850RG
Download  VSMY2850RG Click to download

File Size   158.91 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes

VSMY2850RG Datasheet (HTML) - Vishay Siliconix


VSMY2850RG Product details

• Package type: surface mount
• Package form: GW, RGW
• Dimensions (L x W x H in mm): 2.3 x 2.3 x 2.8
• Peak wavelength: λp = 850 nm
• High reliability
• High radiant power
• Very high radiant intensity
• Angle of half intensity: ϕ = ± 10°
• Suitable for high pulse current operation
• Terminal configurations: gullwing or reverse gullwing
• Package matches with detector VEMD2500X01 series
• Floor life: 4 weeks, MSL 2a, acc. J-STD-020




Similar Part No. - VSMY2850RG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY2850RG VISHAY-VSMY2850RG Datasheet
138Kb / 8P
High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
22-Dec-10
VSMY2850RG VISHAY-VSMY2850RG Datasheet
159Kb / 9P
High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
31-Jul-2018
VSMY2850RG VISHAY-VSMY2850RG Datasheet
159Kb / 9P
High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
31-Jul-2018
VSMY2850RG VISHAY-VSMY2850RG Datasheet
160Kb / 9P
High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
31-Jul-2018
VSMY2850RGX01 VISHAY-VSMY2850RGX01 Datasheet
163Kb / 9P
High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
31-Jul-2018
More results


Similar Description - VSMY2850RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHE940CA ETC-OHE940CA Datasheet
157Kb / 2P
INFRARED EMITTING DIODES
BIR-BL0331 ETC1-BIR-BL0331 Datasheet
633Kb / 2P
INFRARED EMITTING DIODES
logo
BetLux Electronics
BL-L513IRAC BETLUX-BL-L513IRAC Datasheet
71Kb / 3P
INFRARED EMITTING DIODES
REV NO: V.2
logo
LIGITEK electronics co....
LVIR2043-PF LIGITEK-LVIR2043-PF Datasheet
137Kb / 8P
INFRARED EMITTING DIODES
LVIR3333-S137-PF LIGITEK-LVIR3333-S137-PF Datasheet
168Kb / 8P
INFRARED EMITTING DIODES
LHIR2342-PF LIGITEK-LHIR2342-PF Datasheet
110Kb / 6P
INFRARED EMITTING DIODES
logo
Vishay Siliconix
VSMF288011RGX01 VISHAY-VSMF288011RGX01_16 Datasheet
188Kb / 9P
High Speed Infrared Emitting Diodes
05-Sep-16
VSMY1850 VISHAY-VSMY1850_16 Datasheet
149Kb / 6P
High Speed Infrared Emitting Diodes
30-Jun-16
VSMY2941RGX01 VISHAY-VSMY2941RGX01 Datasheet
187Kb / 8P
High Speed Infrared Emitting Diodes
08-Nov-17
VSMY294310RG VISHAY-VSMY294310RG Datasheet
183Kb / 9P
High Speed Infrared Emitting Diodes, 940 nm,
13-Oct-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com