Electronic Components Datasheet Search
  English  ▼

X  

EL5134ISZ Datasheet (PDF) - Intersil Corporation

EL5134ISZ Datasheet PDF - Intersil Corporation
Part # EL5134ISZ
Download  EL5134ISZ Download
File Size   1397.5 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 630MHz, Gain of 5, Low Noise Amplifiers

EL5134ISZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5134ISZ Datasheet PDF - Intersil Corporation

Part # EL5134ISZ
Download  EL5134ISZ Click to download

File Size   1397.5 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 630MHz, Gain of 5, Low Noise Amplifiers

EL5134ISZ Datasheet (HTML) - Intersil Corporation


EL5134ISZ Product details

The EL5134, EL5135, EL5234, and EL5235 are ultra-low voltage noise, high speed voltage feedback amplifiers that are ideal for applications requiring low voltage noise, including communications and imaging. These devices offer extremely low power consumption for exceptional noise performance. Stable at gains as low as 5, these devices offer 100mA of drive performance. Not only do these devices find perfect application in high gain applications, they maintain their performance down to lower gain settings.
These amplifiers are available in small package options (SOT-23) as well as the MSOP and the industry-standard SO packages. All parts are specified for operation over the -40°C to +85°C temperature range.

Features
• 650MHz -3dB bandwidth
• Av = +5 stable
• Ultra low noise 1.5nV/√Hz and 0.9pA/√Hz
• 450V/µs slew rate
• Low supply current = 6.7mA per amplifier
• Single supplies from 5V to 12V
• Dual supplies from ±2.5V to ±5V
• Fast disable on the EL5134 and EL5234
• Duals EL5234 and EL5235
• Low cost
• Pb-free plus anneal available (RoHS compliant)

Applications
• Imaging
• Instrumentation
• Communications devices




Similar Part No. - EL5134ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134ISZ INTERSIL-EL5134ISZ Datasheet
1Mb / 12P
650MHz, Gain of 5, Low Noise Amplifiers
March 9, 2006
EL5134ISZ INTERSIL-EL5134ISZ Datasheet
1Mb / 15P
650MHz, Gain of 5, Low Noise Amplifiers
May 4, 2007
logo
Renesas Technology Corp
EL5134ISZ RENESAS-EL5134ISZ Datasheet
1Mb / 15P
650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5134ISZ-T13 INTERSIL-EL5134ISZ-T13 Datasheet
1Mb / 12P
650MHz, Gain of 5, Low Noise Amplifiers
March 9, 2006
EL5134ISZ-T13 INTERSIL-EL5134ISZ-T13 Datasheet
1Mb / 15P
650MHz, Gain of 5, Low Noise Amplifiers
May 4, 2007
More results


Similar Description - EL5134ISZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD600 AD-AD600 Datasheet
669Kb / 20P
Dual, Low Noise, Wideband Variable Gain Amplifiers
AD600 AD-AD600_06 Datasheet
588Kb / 28P
Dual, Low Noise, Wideband Variable Gain Amplifiers
1/06-Rev. D to Rev. E
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_06 Datasheet
1Mb / 12P
650MHz, Gain of 5, Low Noise Amplifiers
March 9, 2006
logo
Tyco Electronics
AM-143 MACOM-AM-143 Datasheet
230Kb / 3P
Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_07 Datasheet
1Mb / 15P
650MHz, Gain of 5, Low Noise Amplifiers
May 4, 2007
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
For high gain low noise amplifiers
2009-12-02
logo
Analog Devices
AD600 AD-AD600_15 Datasheet
677Kb / 33P
Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD602 AD-AD602_15 Datasheet
677Kb / 33P
Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
logo
Infineon Technologies A...
BFR193L3 INFINEON-BFR193L3_12 Datasheet
501Kb / 6P
For low noise, high-gain amplifiers up to 2 GHz
2012-08-08
logo
Renesas Technology Corp
EL5134 RENESAS-EL5134 Datasheet
1Mb / 15P
650MHz, Gain of 5, Low Noise Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com