Electronic Components Datasheet Search
  English  ▼

X  

AQW254 Datasheet (PDF) - Nais(Matsushita Electric Works)

AQW254 Datasheet PDF - Nais(Matsushita Electric Works)
Part # AQW254
Download  AQW254 Download
File Size   44.84 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description PhotoMOS RELAYS

AQW254 Datasheet (PDF)

Go To PDF Page Download Datasheet
AQW254 Datasheet PDF - Nais(Matsushita Electric Works)

Part # AQW254
Download  AQW254 Click to download

File Size   44.84 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description PhotoMOS RELAYS

AQW254 Datasheet (HTML) - Nais(Matsushita Electric Works)


AQW254 Product details

FEATURES
1. Compact 8-pin DIP size
   The device comes in a compact (W)
   6.4×(L) 9.78×(H) 3.9 mm (W) .252×(L)
   .385×(H) .154 inch , 8-pin DIP size
   (through hole terminal type).
2. Applicable for 2 Form A use as well  as two independent 1 Form A use
3. Controls low-level analog signals
   PhotoMOS relays feature extremely low
   closed-circuit offset voltage to enable
   control of low-level analog signals without
   distortion.
4. High sensitivity, low ON resistance
   Can control a maximum 0.16 A (AQW254)
   load current with a 5 mA input current.
   Low ON resistance of 16 Ω (AQW254).
   Stable operation because there are no
   metallic contact parts.
5. Low-level off state leakage current
   The SSR has an off state leakage current
   of several miliamperes, whereas the PhotoMOS
   relay has only 100 pA even with
   the rated load voltage of 400 V  (AQW254).
6. Low thermal electromotive force  (Approx. 1 µV)

TYPICAL APPLICATIONS
• High-speed inspection machines
• Data communication equipment
• Telephone equipment




Similar Part No. - AQW254

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW25 PANASONIC-AQW25 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQW25 ETC2-AQW25 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQW25 ETC2-AQW25 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
AQW25 ETC2-AQW25 Datasheet
171Kb / 3P
PhotoMOS Relay Dimensions
AQW25 ETC-AQW25 Datasheet
168Kb / 3P
PhotoMOS Relay Dimensions
More results


Similar Description - AQW254

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV112KL NAIS-AQV112KL Datasheet
137Kb / 6P
PhotoMOS RELAYS
AQY210KS NAIS-AQY210KS Datasheet
40Kb / 4P
PhotoMOS RELAYS
AQY212GS NAIS-AQY212GS Datasheet
143Kb / 6P
PhotoMOS RELAYS
AQW272 NAIS-AQW272 Datasheet
64Kb / 4P
PhotoMOS RELAYS
AQY221N2S NAIS-AQY221N2S Datasheet
35Kb / 4P
PHOTOMOS RELAYS
AQY221N3V NAIS-AQY221N3V Datasheet
153Kb / 6P
PhotoMOS RELAYS
AQS210 NAIS-AQS210 Datasheet
58Kb / 4P
PhotoMOS RELAYS
AQW610EHA NAIS-AQW610EHA Datasheet
48Kb / 3P
PhotoMOS RELAYS
AQX21444 NAIS-AQX21444 Datasheet
53Kb / 3P
PhotoMOS RELAYS
AQW610S NAIS-AQW610S Datasheet
121Kb / 3P
PhotoMOS RELAYS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com