Electronic Components Datasheet Search
  English  ▼

X  

MM5Z20V Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MM5Z20V Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MM5Z20V
Download  MM5Z20V Download
File Size   76.75 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 100 mW, SOD-523 Series Surface Mount Zener Diodes

MM5Z20V Datasheet (PDF)

Go To PDF Page Download Datasheet
MM5Z20V Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MM5Z20V
Download  MM5Z20V Click to download

File Size   76.75 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 100 mW, SOD-523 Series Surface Mount Zener Diodes

MM5Z20V Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - MM5Z20V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z20V EIC-MM5Z20V Datasheet
109Kb / 2P
ZENER DIODES
logo
Weitron Technology
MM5Z20V WEITRON-MM5Z20V Datasheet
439Kb / 3P
Surface Mount Zener Diodes
logo
Fairchild Semiconductor
MM5Z20V FAIRCHILD-MM5Z20V Datasheet
177Kb / 4P
Zener Diodes
logo
SeCoS Halbleitertechnol...
MM5Z20V SECOS-MM5Z20V Datasheet
136Kb / 4P
Surface Mount Zener Diode
logo
Weitron Technology
MM5Z20V WEITRON-MM5Z20V Datasheet
424Kb / 3P
Surface Mount Zener Diodes
More results


Similar Description - MM5Z20V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z2V4ST1 ONSEMI-MM5Z2V4ST1_06 Datasheet
48Kb / 4P
Zener Voltage Regulators 200 mW SOD-523 Surface Mount
April, 2006 ??Rev. 6
logo
SeCoS Halbleitertechnol...
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
200mW , SOD-523 Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
200mW SOD-523 SURFACE MOUNT
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
200mW SOD-523 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
200mW SOD-523 SURFACE MOUNT
logo
ON Semiconductor
MM5ZXXXST1G ONSEMI-MM5ZXXXST1G Datasheet
179Kb / 5P
Zener Voltage Regulators 500 mW SOD-523, Tight Tolerance Series
August, 2020 - Rev. 14
logo
UN Semiconducctor INC
BZX584BXX UNSEMI-BZX584BXX Datasheet
2Mb / 6P
SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZX584CXX UNSEMI-BZX584CXX Datasheet
3Mb / 7P
SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com