Electronic Components Datasheet Search
  English  ▼

X  

MM3Z20V Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MM3Z20V Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MM3Z20V
Download  MM3Z20V Download
File Size   220.73 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating

MM3Z20V Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z20V Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MM3Z20V
Download  MM3Z20V Click to download

File Size   220.73 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating

MM3Z20V Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


MM3Z20V Product details

Surface Mount Zener Diode

200mW,SOD-323(SC-76)



Features

. RoHS Compliant

.Standard Zener Breakdown Voltage Range -2.0V to 75V

. Steady State Power Rating of 200 mW

. Small Body Outline Dimensions: 1.7 mm x 1.25 mm

. Low Body Height: 0.9 mm

. Package Weight: 4.507 mg/unit

. ESD Rating of Class 3 (>16 KV) per Human Body Model




Similar Part No. - MM3Z20V

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM3Z20V WEITRON-MM3Z20V Datasheet
214Kb / 5P
Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z20V SECOS-MM3Z20V Datasheet
198Kb / 3P
Surface Mount Zener Diode
logo
YENYO TECHNOLOGY Co., L...
MM3Z20V YENYO-MM3Z20V Datasheet
387Kb / 4P
ZENER DIODES
logo
Shanghai Leiditech Elec...
MM3Z20V LEIDITECH-MM3Z20V Datasheet
349Kb / 6P
200 mW SOD??23 Surface Mount
logo
Shanghai Shunye Electro...
MM3Z20V SHUNYE-MM3Z20V Datasheet
965Kb / 5P
SURFACE MOUNT ZENER DIODES
V2.22
More results


Similar Description - MM3Z20V

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
SeCoS Halbleitertechnol...
MM3Z SECOS-MM3Z_15 Datasheet
220Kb / 3P
200mW Steady State Power Rating
logo
Leshan Radio Company
S-SZAF2.4A LRC-S-SZAF2.4A Datasheet
232Kb / 4P
Zener voltage regulator diodes 1 Watt Steady State
SZAF2.4A LRC-SZAF2.4A Datasheet
1Mb / 9P
Zener voltage regulator diodes 1 Watt Steady State
SZBF5.1A LRC-SZBF5.1A Datasheet
213Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 2.0 Watt Steady State
LUDZS2.0BT1G LRC-LUDZS2.0BT1G Datasheet
133Kb / 5P
High demand voltage range Steady State Power Rating of 200 mW
logo
AiT Semiconductor Inc.
M5Z15V AITSEMI-M5Z15V Datasheet
572Kb / 8P
ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
M5Z8V2 AITSEMI-M5Z8V2 Datasheet
572Kb / 8P
ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
logo
Leshan Radio Company
CSZAXXXA LRC-CSZAXXXA Datasheet
436Kb / 5P
Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.A Oct. 2022 1
S-CSZAXXXA LRC-S-CSZAXXXA Datasheet
367Kb / 5P
Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com