Electronic Components Datasheet Search
  English  ▼

X  

GBL4005 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

GBL4005 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # GBL4005
Download  GBL4005 Download
File Size   286.93 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 50V ~ 1000V, 4A Glass Passivated Bridge Rectifiers

GBL4005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBL4005 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # GBL4005
Download  GBL4005 Click to download

File Size   286.93 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 50V ~ 1000V, 4A Glass Passivated Bridge Rectifiers

GBL4005 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


GBL4005 Product details

FEATURES
• Io : 4A
• VRRM : 50~1000V
• Glass passivated chip
• High surge forward current capability

APPLICATIONS
• General purpose 1 phase Bridge rectifier applications




Similar Part No. - GBL4005

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL4005 LRC-GBL4005 Datasheet
65Kb / 2P
Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
logo
Shenzhen Luguang Electr...
GBL4005 LUGUANG-GBL4005 Datasheet
175Kb / 2P
Silicon Bridge Rectifiers
logo
Leshan Radio Company
GBL4005 LRC-GBL4005 Datasheet
303Kb / 4P
Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Yea Shin Technology Co....
GBL4005 YEASHIN-GBL4005 Datasheet
319Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Formosa MS
GBL4005 FORMOSA-GBL4005 Datasheet
8Kb / 1P
FMS Kinter 131 6803 0058
More results


Similar Description - GBL4005

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
1A, 50V - 1000V Glass Passivated Bridge Rectifiers
GBL005 TSC-GBL005_16 Datasheet
211Kb / 4P
4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
10A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
6A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
8A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBP4005 SECOS-GBP4005 Datasheet
347Kb / 2P
4A, 50V ~ 1000V Glass Passivated Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com