Electronic Components Datasheet Search
  English  ▼

X  

EXP8603-DNT Datasheet (PDF) - Integrated Device Technology

EXP8603-DNT Datasheet PDF - Integrated Device Technology
Part # EXP8603-DNT
Download  EXP8603-DNT Download
File Size   538.78 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 81 GHz ??86 GHz Medium Power Amplifier

EXP8603-DNT Datasheet (PDF)

Go To PDF Page Download Datasheet
EXP8603-DNT Datasheet PDF - Integrated Device Technology

Part # EXP8603-DNT
Download  EXP8603-DNT Click to download

File Size   538.78 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 81 GHz ??86 GHz Medium Power Amplifier

EXP8603-DNT Datasheet (HTML) - Integrated Device Technology




Similar Part No. - EXP8603-DNT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
EXP8602 IDT-EXP8602 Datasheet
541Kb / 2P
81GHz ??86GHz Medium Power Amplifier
EXP8602-DNT IDT-EXP8602-DNT Datasheet
541Kb / 2P
81GHz ??86GHz Medium Power Amplifier
More results


Similar Description - EXP8603-DNT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6420 AVAGO-AMMC-6420 Datasheet
555Kb / 8P
86 - 18 GHz Power Amplifier
logo
Hittite Microwave Corpo...
HMC-AUH317 HITTITE-HMC-AUH317 Datasheet
203Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
HMC-APH634 HITTITE-HMC-APH634 Datasheet
187Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-APH634_1007 HITTITE-HMC-APH634_1007 Datasheet
628Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH317 HITTITE-HMC-AUH317_11 Datasheet
472Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
logo
Analog Devices
ADMV7320 AD-ADMV7320 Datasheet
422Kb / 29P
E-Band Upconverter SiP, 81 GHz to 86 GHz
12/2020-Rev. B to Rev. C
HMC8119 AD-HMC8119 Datasheet
510Kb / 27P
81 GHz to 86 GHz, E-Band I/Q Upconverter
Feb-2016
HMC7585LG AD-HMC7585LG Datasheet
182Kb / 2P
E-BAND UPCONVERTER SIP 81 - 86 GHz
HMC7587 AD-HMC7587 Datasheet
951Kb / 55P
81 GHz to 86 GHz E-Band I/Q Downconverter
Mar-2016
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com